Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1293 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1293
Description  ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1293 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1293 Datasheet HTML 1Page - Texas Instruments ADS1293 Datasheet HTML 2Page - Texas Instruments ADS1293 Datasheet HTML 3Page - Texas Instruments ADS1293 Datasheet HTML 4Page - Texas Instruments ADS1293 Datasheet HTML 5Page - Texas Instruments ADS1293 Datasheet HTML 6Page - Texas Instruments ADS1293 Datasheet HTML 7Page - Texas Instruments ADS1293 Datasheet HTML 8Page - Texas Instruments ADS1293 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
ADS1293
www.ti.com
SNAS602B – FEBRUARY 2013 – REVISED MARCH 2013
CONNECTION DIAGRAM
28-PIN LLP
(TOP VIEW)
Table 2. Pin Descriptions
PIN
TYPE
FUNCTION
NO.
NAME
1 - 6
IN1 - IN6
Analog Input
Electrode input signals
7
WCT
Analog Output
Wilson reference output or analog pace channel output
8
CMOUT
Output
Common-mode detector output
9
RLDOUT
Analog Output
Right leg drive amplifier output
10
RLDINV
Analog Input
Right leg drive amplifier negative input
11
RLDIN
Analog I/O
Right leg drive amplifier positive input or analog pace channel output
12
RLDREF
Analog Output
Internal right leg drive reference
13
SYNCB
Digital I/O
Sync bar; multiple-chip synchronization signal input or output
14
VSSIO
Digital Supply
Digital input/output supply ground
15
ALARMB
Digital Output
Alarm bar
16
CSB
Digital Input
Chip select bar
17
SCLK
Digital Input
Serial clock
18
SDI
Digital Input
Serial data input
19
SDO
Digital Output
Serial data output
20
DRDYB
Digital Output
Data ready bar
21
CLK
Digital I/O
Internal clock output or external clock input
22
VDDIO
Digital Supply
Digital input/output supply
23
XTAL1
Digital Input
External crystal for clock oscillator
24
XTAL2
Digital Input
External crystal for clock oscillator
25
RSTB
Digital Input
Reset bar
26
CVREF
Analog I/O
External cap for internal reference voltage
27
VSS
Analog Supply
Power supply ground
28
VDD
Analog Supply
Positive power supply
DAP
No connect
Copyright © 2013, Texas Instruments Incorporated
3
Product Folder Links: ADS1293


Similar Part No. - ADS1293

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293 TI1-ADS1293 Datasheet
2Mb / 78P
[Old version datasheet]   Low-Power, 3-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1293CISQ TI-ADS1293CISQ Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293CISQ TI1-ADS1293CISQ Datasheet
2Mb / 78P
[Old version datasheet]   Low-Power, 3-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1293CISQ/NOPB TI-ADS1293CISQ/NOPB Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
More results

Similar Description - ADS1293

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1293 TI1-ADS1293_14 Datasheet
1Mb / 76P
[Old version datasheet]   ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293 TI1-ADS1293 Datasheet
2Mb / 78P
[Old version datasheet]   Low-Power, 3-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com