Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1293CISQX Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS1293CISQX
Description  ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1293CISQX Datasheet(HTML) 5 Page - Texas Instruments

  ADS1293CISQX Datasheet HTML 1Page - Texas Instruments ADS1293CISQX Datasheet HTML 2Page - Texas Instruments ADS1293CISQX Datasheet HTML 3Page - Texas Instruments ADS1293CISQX Datasheet HTML 4Page - Texas Instruments ADS1293CISQX Datasheet HTML 5Page - Texas Instruments ADS1293CISQX Datasheet HTML 6Page - Texas Instruments ADS1293CISQX Datasheet HTML 7Page - Texas Instruments ADS1293CISQX Datasheet HTML 8Page - Texas Instruments ADS1293CISQX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 75 page
background image
ADS1293
www.ti.com
SNAS602B – FEBRUARY 2013 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS
(1)
Unless otherwise noted, all limits are specified at TA = +25°C, +2.7V ≤ VDD ≤ +5.5V, +1.65V ≤ VDDIO ≤ MIN(+3.6V, VDD),
VREF = +2.4V, fOSC = 409.6kHz, 1µF low ESR capacitor between CVREF and GND, 0.1µF capacitor between RLDREF and
GND. Boldface limits apply for TMIN ≤ TA ≤ TMAX.
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
POWER SUPPLY (VDD, VDDIO)
VDD
Analog Supply Voltage
2.7
5.5
V
Power-down mode
80
125
µA
Stand-by mode
120
175
µA
1 chan, WILSON OFF, RLD OFF, CMDET OFF,
205
290
LOD OFF, low power
1 chan, WILSON OFF, RLD OFF, CMDET OFF,
335
490
LOD OFF, high-res
3 chan, WILSON OFF, RLD OFF, CMDET OFF,
IVDD
Analog Supply Current
350
520
LOD OFF, low power
µA
3 chan, WILSON ON, RLD ON, CMDET ON, LOD
440
595
ON, low power, low cap-drive
3 chan, WILSON ON, RLD ON, CMDET ON, LOD
835
1120
ON, high-res, low cap-drive
3 chan, WILSON ON, RLD ON, CMDET ON, LOD
960
1300
ON, high-res, high cap-drive
VDDIO
IO Supply Voltage
VDD > 3.6V
1.65
3.6
V
VDD
≤ 3.6V
1.65
VDD
V
IVDDIO
Quiescent Current IO Supply
0.6
µA
ANALOG INPUTS (IN1-IN6)
TA = 25°C, LOD OFF
±175
pA
IB
Input Bias Current
TA = 85°C, LOD OFF
±13
nA
RIN
Differential Input Resistance
500
M
f = 400 MHz
92
dB
f = 900 MHz
107
dB
Electromagnetic Interference Rejection
EMIRR
Ratio, IN+, IN-, and VDD
f = 1.8 GHz
98
dB
f = 2.4 GHz
86
dB
(1)
The Electrical Characteristics table lists specify specifications under the listed Recommended Operating Conditions except as otherwise
modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not
guaranteed.
(2)
Datasheet min/max specification limits are specified by test, unless otherwise noted.
(3)
Typical values represent the most likely parameter norms at TA = 25°C and at the Recommended Operation Conditions at the time of
product characterization and are not guaranteed.
Copyright © 2013, Texas Instruments Incorporated
5
Product Folder Links: ADS1293


Similar Part No. - ADS1293CISQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1293CISQX TI-ADS1293CISQX Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293CISQX TI1-ADS1293CISQX Datasheet
2Mb / 78P
[Old version datasheet]   Low-Power, 3-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1293CISQX/NOPB TI-ADS1293CISQX/NOPB Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293CISQXNOPB TI1-ADS1293CISQXNOPB Datasheet
1Mb / 76P
[Old version datasheet]   ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
More results

Similar Description - ADS1293CISQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1293 TI1-ADS1293_14 Datasheet
1Mb / 76P
[Old version datasheet]   ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293 TI1-ADS1293 Datasheet
2Mb / 78P
[Old version datasheet]   Low-Power, 3-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com