Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECDGZER909 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECDGZER909
Description  Multilayer Ceramic Capacitors(High-Q Capacitors)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECDGZER909 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECDGZER909 Datasheet HTML 1Page - Panasonic Semiconductor ECDGZER909 Datasheet HTML 2Page - Panasonic Semiconductor ECDGZER909 Datasheet HTML 3Page - Panasonic Semiconductor ECDGZER909 Datasheet HTML 4Page - Panasonic Semiconductor ECDGZER909 Datasheet HTML 5Page - Panasonic Semiconductor ECDGZER909 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(High-Q Capacitors)
– EC43 –
Packaging Style Code : “E” (T=0.3 mm) for Standard Packaging
Quantity (15,000 pcs./reel)
Rated voltage
DC 25 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
0.10
±0.05 pF
(8)
ECDGZER108
0.3
0.20
ECDGZER208
0.3
0.30
ECDGZER308
0.3
0.40
ECDGZER408
0.3
0.50
ECDGZER508
0.3
0.60
±0.075 pF
(9)
ECDGZER609
0.3
0.70
ECDGZER709
0.3
0.80
ECDGZER809
0.3
0.90
ECDGZER909
0.3
1.0
±0.1 pF
(B)
ECDGZE1R0B
0.3
1.1
ECDGZE1R1B
0.3
1.2
ECDGZE1R2B
0.3
1.3
ECDGZE1R3B
0.3
1.5
ECDGZE1R5B
0.3
1.6
ECDGZE1R6B
0.3
1.8
ECDGZE1R8B
0.3
2.0
ECDGZE2R0B
0.3
2.2
ECDGZE2R2B
0.3
2.4
ECDGZE2R4B
0.3
2.7
ECDGZE2R7B
0.3
3.0
ECDGZE3R0B
0.3
3.3
±0.25 pF
(C)
ECDGZE3R3C
0.3
3.9
ECDGZE3R9C
0.3
4.7
ECDGZE4R7C
0.3
5.6
ECDGZE5R6C
0.3
Standard Products for EIA Size “0201”, Taped Version
● Temperature Characteristics C0G
: Capacitance tolerance code.
Packaging Style Code : “E” (T= 0.5 mm) for Standard Packaging
Quantity (10,000 pcs./reel)
Rated voltage
DC 25 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
0.10
±0.05 pF
(8)
ECDG0ER108
0.5
0.20
ECDG0ER208
0.5
0.30
ECDG0ER308
0.5
0.40
ECDG0ER408
0.5
0.50
ECDG0ER508
0.5
0.60
±0.05 pF(8)
or
±0.075 pF(9)
ECDG0ER60
0.5
0.70
ECDG0ER70
0.5
0.80
ECDG0ER80
0.5
0.90
ECDG0ER90
0.5
1.0
±0.1 pF
(B)
ECDG0E1R0B
0.5
1.1
ECDG0E1R1B
0.5
1.2
ECDG0E1R2B
0.5
1.3
ECDG0E1R3B
0.5
1.5
ECDG0E1R5B
0.5
1.6
ECDG0E1R6B
0.5
1.8
ECDG0E1R8B
0.5
2.0
ECDG0E2R0B
0.5
2.2
ECDG0E2R2B
0.5
2.4
ECDG0E2R4B
0.5
2.7
ECDG0E2R7B
0.5
3.0
ECDG0E3R0B
0.5
3.3
±0.1 pF(B)
or
±0.25 pF(C)
ECDG0E3R3
0.5
3.9
ECDG0E3R9
0.5
4.7
ECDG0E4R7
0.5
5.6
ECDG0E5R6
0.5
6.8
ECDG0E6R8
0.5
8.2
ECDG0E8R2
0.5
10.0 ±0.25 pF ECDG0E100C
0.5
12
±5 %
(J)
ECDG0E120J
0.5
15
ECDG0E150J
0.5
Standard Products for EIA Size “0402”, Taped Version
● Temperature Characteristics C0G
00 Sep. 2008


Similar Part No. - ECDGZER909

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECDGZER909 PANASONIC-ECDGZER909 Datasheet
233Kb / 6P
   High-Q Capacitors (Microwave Chip Capacitors)
More results

Similar Description - ECDGZER909

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECD-G0ER108 PANASONIC-ECD-G0ER108 Datasheet
233Kb / 6P
   Multilayer Ceramic Capacitors(High-Q Capacitors)
ECD-G0E150J PANASONIC-ECD-G0E150J Datasheet
233Kb / 6P
   Multilayer Ceramic Capacitors(High-Q Capacitors)
logo
Murata Manufacturing Co...
GCQ1555C1H3R6CB01 MURATA-GCQ1555C1H3R6CB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1HR33CB01 MURATA-GCQ1555C1HR33CB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1H8R8BB01 MURATA-GCQ1555C1H8R8BB01 Datasheet
760Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1H9R4BB01 MURATA-GCQ1555C1H9R4BB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1H430JB01 MURATA-GCQ1555C1H430JB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1HR22BB01 MURATA-GCQ1555C1HR22BB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1HR82CB01 MURATA-GCQ1555C1HR82CB01 Datasheet
760Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1HR90CB01 MURATA-GCQ1555C1HR90CB01 Datasheet
762Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com