Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C256LI Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT24C256LI
Description  256 kb I2C CMOS Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C256LI Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT24C256LI Datasheet HTML 6Page - ON Semiconductor CAT24C256LI Datasheet HTML 7Page - ON Semiconductor CAT24C256LI Datasheet HTML 8Page - ON Semiconductor CAT24C256LI Datasheet HTML 9Page - ON Semiconductor CAT24C256LI Datasheet HTML 10Page - ON Semiconductor CAT24C256LI Datasheet HTML 11Page - ON Semiconductor CAT24C256LI Datasheet HTML 12Page - ON Semiconductor CAT24C256LI Datasheet HTML 13Page - ON Semiconductor CAT24C256LI Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CAT24C256
http://onsemi.com
10
READ OPERATIONS
Immediate Address Read
In standby mode, the CAT24C256 internal address
counter points to the data byte immediately following the
last byte accessed by a previous operation. If that ‘previous’
byte was the last byte in memory, then the address counter
will point to the 1st memory byte, etc.
When, following a START, the CAT24C256 is presented
with a Slave address containing a ‘1’ in the R/W bit position
(Figure 10), it will acknowledge (ACK) in the 9th clock cycle,
and will then transmit data being pointed at by the internal
address counter. The Master can stop further transmission by
issuing a NoACK, followed by a STOP condition.
Selective Read
The Read operation can also be started at an address
different from the one stored in the internal address counter.
The address counter can be initialized by performing a
‘dummy’ Write operation (Figure 11). Here the START is
followed by the Slave address (with the R/W bit set to ‘0’)
and the desired two byte address. Instead of following up
with data, the Master then issues a 2nd START, followed by
the ‘Immediate Address Read’ sequence, as described
earlier.
Sequential Read
If the Master acknowledges the 1st data byte transmitted
by the CAT24C256, then the device will continue
transmitting as long as each data byte is acknowledged by
the Master (Figure 12). If the end of memory is reached
during sequential Read, then the address counter will
‘wrap−around’ to the beginning of memory, etc. Sequential
Read works with either ‘Immediate Address Read’ or
‘Selective Read’, the only difference being the starting byte
address.
Figure 10. Immediate Address Read Timing
SCL
SDA
8th Bit
STOP
NO ACK
DATA OUT
89
SLAVE
ADDRESS
S
A
C
K
DATA
N
O
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
Figure 11. Selective Read Timing
SLAVE
ADDRESS
S
A
C
K
A
C
K
A
C
K
S
T
A
R
T
SLAVE
S
A
C
K
S
T
A
R
T
P
S
T
O
P
BYTE ADDRESS
ADDRESS
N
O
A
C
K
DATA
BUS ACTIVITY:
MASTER
SDA LINE
*
A15 − A8
A7 − A0
* = Don’t Care Bit
Figure 12. Sequential Read Timing
S
T
O
P
P
SLAVE
ADDRESS
A
C
K
N
O
A
C
K
DATA n
BUS ACTIVITY:
MASTER
SDA LINE
A
C
K
DATA n+1
DATA n+2
A
C
K
A
C
K
DATA n+x


Similar Part No. - CAT24C256LI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C256LI-G ONSEMI-CAT24C256LI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256LI-GT2 ONSEMI-CAT24C256LI-GT2 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C256LI-GT3 CATALYST-CAT24C256LI-GT3 Datasheet
547Kb / 14P
   256-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C256LI-GT3 ONSEMI-CAT24C256LI-GT3 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
CAT24C256LI-T2 ONSEMI-CAT24C256LI-T2 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
More results

Similar Description - CAT24C256LI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
   256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256YI-G ONSEMI-CAT24C256YI-G Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAT24C256HU4IGT3 ONSEMI-CAT24C256HU4IGT3 Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256 ONSEMI-CAT24C256 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C256 CATALYST-CAT24C256 Datasheet
547Kb / 14P
   256-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com