Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28F010L90 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT28F010L90
Description  1 Megabit CMOS Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28F010L90 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT28F010L90 Datasheet HTML 5Page - ON Semiconductor CAT28F010L90 Datasheet HTML 6Page - ON Semiconductor CAT28F010L90 Datasheet HTML 7Page - ON Semiconductor CAT28F010L90 Datasheet HTML 8Page - ON Semiconductor CAT28F010L90 Datasheet HTML 9Page - ON Semiconductor CAT28F010L90 Datasheet HTML 10Page - ON Semiconductor CAT28F010L90 Datasheet HTML 11Page - ON Semiconductor CAT28F010L90 Datasheet HTML 12Page - ON Semiconductor CAT28F010L90 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CAT28F010
9
Doc. No. MD-1019, Rev. G
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
WRITE OPERATIONS
The following operations are initiated by observing the
sequence specified in the Write Command Table.
Read Mode
The device can be put into a standard READ mode by
initiating a write cycle with 00H on the data bus. The
subsequent read cycles will be performed similar to a
standard EPROM or E2PROM Read.
Signature Mode
An alternative method for reading device signature (see
Read Operations Signature Mode), is initiated by writing
the code 90H into the command register while keeping
VPP high. A read cycle from address 0000H with CE and
OE low (and WE high) will output the device signature.
CATALYST Code = 00110001 (31H)
A Read cycle from address 0001H retrieves the binary
code for the device on outputs I/O0 to I/O7.
28F010 Code = 1011 0100 (B4H)
Figure 4. A.C. Timing for Erase Operation
28F010 F11
ADDRESSES
CE (E)
OE (G)
WE (W)
DATA (I/O)
VCC
VPP
tWC
tWC
tRC
tCS
tCH
tCS
tCH
tCH
tEHQZ
tDF
tGHWL
tWPH
tWHWH2
tWHGL
tWP
tDS
HIGH-Z
DATA IN
= 20H
DATA IN
= A0H
VALID
DATA OUT
tDH
tWP
tDH
tDS
tDS
tWP
tDH
tOLZ
tOE
tOH
tLZ
tCE
tVPEL
VPPH
VPPL
0V
5.0V
VCC POWER-UP
& STANDBY
SETUP ERASE
COMMAND
ERASE
COMMAND
ERASING
ERASE VERIFY
COMMAND
ERASE
VERIFICATION
VCC POWER-DOWN/
STANDBY
tAS
tAH
DATA IN
= 20H
tWC


Similar Part No. - CAT28F010L90

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F010L-12T CATALYST-CAT28F010L-12T Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
CAT28F010L-90T CATALYST-CAT28F010L-90T Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
CAT28F010LA-12T CATALYST-CAT28F010LA-12T Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
CAT28F010LA-90T CATALYST-CAT28F010LA-90T Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010LA12 ONSEMI-CAT28F010LA12 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results

Similar Description - CAT28F010L90

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010N-15 ONSEMI-CAT28F010N-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F010 CATALYST-CAT28F010_04 Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com