Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT34TS04HU4GT4A Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT34TS04HU4GT4A
Description  Digital Output Temperature Sensor with On-board SPD EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT34TS04HU4GT4A Datasheet(HTML) 4 Page - ON Semiconductor

  CAT34TS04HU4GT4A Datasheet HTML 1Page - ON Semiconductor CAT34TS04HU4GT4A Datasheet HTML 2Page - ON Semiconductor CAT34TS04HU4GT4A Datasheet HTML 3Page - ON Semiconductor CAT34TS04HU4GT4A Datasheet HTML 4Page - ON Semiconductor CAT34TS04HU4GT4A Datasheet HTML 5Page - ON Semiconductor CAT34TS04HU4GT4A Datasheet HTML 6Page - ON Semiconductor CAT34TS04HU4GT4A Datasheet HTML 7Page - ON Semiconductor CAT34TS04HU4GT4A Datasheet HTML 8Page - ON Semiconductor CAT34TS04HU4GT4A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CAT34TS04
http://onsemi.com
4
Pin Description
SCL: The Serial Clock input pin accepts the Serial Clock
generated by the Master (Host).
SDA: The Serial Data I/O pin receives input data and transmits
data stored in SPD memory or in the TS registers. In transmit
mode, this pin is open drain. Data is acquired on the positive
edge, and is delivered on the negative edge of SCL.
A0, A1 and A2: The Address pins accept the device address.
These pins have on−chip pull−down resistors.
EVENT: The open−drain EVENT pin can be programmed
to signal over/under temperature limit conditions.
Power−On Reset (POR)
The CAT34TS04 incorporates Power−On Reset (POR)
circuitry which protects the device against powering up to an
undetermined logic state. As VCC exceeds the POR trigger
level, the TS component will power up into conversion
mode and the SPD component will power up into standby
mode. Both the TS and SPD components will power down
into Reset mode when VCC drops below the POR trigger
level. This bi−directional POR behavior protects the
CAT34TS04 against brown−out failure following a
temporary loss of power. The POR trigger level is set below
the minimum operating VCC level.
Device Interface
The CAT34TS04 supports the Inter−Integrated Circuit
(I2C) and the System Management Bus (SMBus) data
transmission protocols. These protocols describe serial
communication between transmitters and receivers sharing a
2−wire data bus. Data flow is controlled by a Master device,
which generates the serial clock and the START and STOP
conditions. The CAT34TS04 acts as a Slave device. Master
and Slave alternate as transmitter and receiver. Up to 8
CAT34TS04 devices may be present on the bus
simultaneously, and can be individually addressed by
matching the logic state of the address inputs A0, A1, and A2.
I2C/SMBus Protocol
The I2C/SMBus uses two ‘wires’, one for clock (SCL) and
one for data (SDA). The two wires are connected to the VCC
supply via pull−up resistors. Master and Slave devices
connect to the bus via their respective SCL and SDA pins.
The transmitting device pulls down the SDA line to
‘transmit’ a ‘0’ and releases it to ‘transmit’ a ‘1’.
Data transfer may be initiated only when the bus is not
busy (see A.C. Characteristics).
During data transfer, the SDA line must remain stable
while the SCL line is HIGH. An SDA transition while SCL
is HIGH will be interpreted as a START or STOP condition
(Figure 3).
START
The START condition precedes all commands. It consists
of a HIGH to LOW transition on SDA while SCL is HIGH.
The START acts as a ‘wake−up’ call to all Slaves. Absent a
START, a Slave will not respond to commands.
STOP
The STOP condition completes all commands. It consists
of a LOW to HIGH transition on SDA while SCL is HIGH.
The STOP tells the Slave that no more data will be written
to or read from the Slave.
Device Addressing
The Master initiates data transfer by creating a START
condition on the bus. The Master then broadcasts an 8−bit
serial Slave address. The first 4 bits of the Slave address (the
preamble) determine whether the command is intended for
the Temperature Sensor (TS) or the EEPROM. The next 3
bits, A2, A1 and A0, select one of 8 possible Slave devices.
The last bit, R/W, specifies whether a Read (1) or Write (0)
operation is being performed.
Acknowledge
A matching Slave address is acknowledged (ACK) by the
Slave by pulling down the SDA line during the 9th clock
cycle (Figure 4). After that, the Slave will acknowledge all
data bytes sent to the bus by the Master. When the Slave is
the transmitter, the Master will in turn acknowledge data
bytes in the 9th clock cycle. The Slave will stop transmitting
after the Master does not respond with acknowledge
(NoACK) and then issues a STOP. Bus timing is illustrated
in Figure 5.
Figure 3. Start/Stop Timing
START BIT
SDA
STOP BIT
SCL


Similar Part No. - CAT34TS04HU4GT4A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT34TS00 ONSEMI-CAT34TS00 Datasheet
104Kb / 14P
   Digital Temperature Sensor
July, 2014 ??Rev. 0
CAT34TS00 ONSEMI-CAT34TS00 Datasheet
106Kb / 14P
   1.8 V Digital Temperature Sensor
November, 2016 ??Rev. 1
CAT34TS00VP2GT4A ONSEMI-CAT34TS00VP2GT4A Datasheet
106Kb / 14P
   1.8 V Digital Temperature Sensor
November, 2016 ??Rev. 1
CAT34TS00 ONSEMI-CAT34TS00_16 Datasheet
106Kb / 14P
   1.8 V Digital Temperature Sensor
November, 2016 ??Rev. 1
CAT34TS02 ONSEMI-CAT34TS02 Datasheet
204Kb / 22P
   Digital Output Temperature Sensor with On-board SPD EEPROM
Doc. No. MD-1129 Rev. G
More results

Similar Description - CAT34TS04HU4GT4A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT34TS02 ONSEMI-CAT34TS02_13 Datasheet
181Kb / 20P
   Digital Output Temperature Sensor with On-board SPD EEPROM
February, 2013 ??Rev. 10
CAT34TS02 ONSEMI-CAT34TS02 Datasheet
204Kb / 22P
   Digital Output Temperature Sensor with On-board SPD EEPROM
Doc. No. MD-1129 Rev. G
logo
Microchip Technology
MCP98244 MICROCHIP-MCP98244 Datasheet
972Kb / 52P
   DDR4 DIMM Temperature Sensor with EEPROM for SPD
11/29/12 2012-2013
MCP98244 MICROCHIP-MCP98244_V01 Datasheet
1Mb / 52P
   DDR4 DIMM Temperature Sensor with EEPROM for SPD
Revision D March 2022
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
   Memory module temperature sensor with a 2Kb SPD EEPROM
STTS424E02 STMICROELECTRONICS-STTS424E02_08 Datasheet
438Kb / 51P
   Memory module temperature sensor with a 2 Kb SPD EEPROM
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
   Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2006
MCP98243 MICROCHIP-MCP98243 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
MCP9843 MICROCHIP-MCP9843 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com