Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECET1HA103EA Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECET1HA103EA
Description  Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECET1HA103EA Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECET1HA103EA Datasheet HTML 1Page - Panasonic Semiconductor ECET1HA103EA Datasheet HTML 2Page - Panasonic Semiconductor ECET1HA103EA Datasheet HTML 3Page - Panasonic Semiconductor ECET1HA103EA Datasheet HTML 4Page - Panasonic Semiconductor ECET1HA103EA Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Aluminum Electrolytic Capacitors
T-HA Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
4700
35 x 40
3.30
3.80
0.049
0.037
6800
35 x 50
3.90
4.49
0.041
0.031
40 x 40
3.90
4.49
0.041
0.031
8200
35 x 63
4.39
5.05
0.036
0.027
40 x 50
4.29
4.93
0.036
0.027
10000
35 x 80
4.88
5.61
0.031
0.024
40 x 63
4.73
5.44
0.033
0.025
15000
35 x 105
6.13
7.05
0.024
0.018
40 x 80
5.97
6.87
0.025
0.019
22000
40 x 105
6.95
7.99
0.019
0.014
3300
35 x 40
3.20
3.68
0.075
0.053
4700
35 x 50
3.80
4.37
0.053
0.040
40 x 40
3.80
4.37
0.053
0.040
5600
35 x 63
4.06
4.67
0.044
0.033
6800
40 x 50
4.57
5.26
0.037
0.027
8200
35 x 80
5.15
5.92
0.030
0.023
40 x 63
5.02
5.77
0.030
0.023
10000
35 x 105
6.38
7.34
0.025
0.019
12000
40 x 80
6.44
7.41
0.021
0.016
15000
40 x 105
7.37
8.48
0.017
0.012
1200
35 x 40
2.50
3.50
0.133
0.066
1800
40 x 40
2.70
3.78
0.129
0.077
2200
35 x 50
2.90
4.06
0.098
0.059
2700
35 x 63
3.65
5.11
0.080
0.048
40 x 50
3.55
4.97
0.086
0.052
3300
35 x 80
4.52
6.33
0.065
0.039
40 x 63
4.40
6.16
0.070
0.042
4700
35 x 105
5.70
7.98
0.046
0.028
40 x 80
5.76
8.06
0.049
0.030
5600
40 x 105
6.76
9.46
0.041
0.025
820
35 x 40
2.20
3.08
0.243
0.133
1200
35 x 50
2.30
3.22
0.180
0.117
40 x 40
2.66
3.72
0.180
0.117
1500
35 x 63
2.57
3.60
0.144
0.093
1800
40 x 50
3.15
4.41
0.120
0.078
2200
35 x 80
3.75
5.25
0.098
0.064
40 x 63
3.68
5.15
0.098
0.064
2700
35 x 105
4.80
6.72
0.080
0.052
3300
35 x 105
4.86
6.80
0.065
0.042
40 x 80
4.86
6.80
0.065
0.042
3900
40 x 105
5.61
7.85
0.055
0.036
470
35 x 40
2.00
2.80
0.459
0.183
680
35 x 50
2.15
3.01
0.317
0.127
40 x 40
2.30
3.22
0.317
0.127
820
35 x 63
2.65
3.71
0.263
0.105
40 x 50
2.65
3.71
0.263
0.105
1200
35 x 80
3.22
4.51
0.180
0.072
40 x 63
3.22
4.51
0.180
0.072
1500
35 x 105
4.78
6.69
0.144
0.057
40 x 80
3.75
5.25
0.144
0.057
1800
40 x 105
5.23
7.32
0.120
0.048
44
ECET2VA182FA
ECET2VA152FA
ECET2VA152EA
ECET2VA122FA
ECET2VA122EA
ECET2VA821FA
ECET2VA821EA
ECET2VA681FA
ECET2VA681EA
ECET2VA471EA
ECET2EA392FA
ECET2EA332FA
350 VDC Working, 400 VDC Surge
ECET2DA472EA
ECET2DA332FA
ECET2EA332EA
ECET2EA272EA
ECET2EA222FA
ECET2EA222EA
ECET2EA122EA
ECET2EA821EA
ECET2DA562FA
ECET2DA472FA
100 VDC Working, 125 VDC Surge
ECET2DA272EA
ECET2DA222EA
ECET2DA182FA
ECET2DA122EA
ECET2AA153FA
ECET2AA123FA
ECET2AA103EA
ECET2AA822EA
ECET2AA682FA
250 VDC Working, 300 VDC Surge
200 VDC Working, 250 VDC Surge
ECET2DA332EA
ECET2DA272FA
ECET2EA182FA
ECET2EA152EA
ECET2EA122FA
Size (mm)
ECET1KA223FA
ECET1KA153FA
ECET1KA153EA
ECET1KA103FA
20°C ESR (Ω, max.)
ECET1KA103EA
ECET1KA822FA
D x L
ECET1KA822EA
ECET1KA682FA
ECET1KA682EA
ECET1KA472EA
Panasonic Part Number
Max 105°C R.C. (Arms)
4 Pin Style
Part numbers shown with 6.3mm Length Snap-in Terminals
80 VDC Working, 100 VDC Surge
ECET2AA562EA
ECET2AA472FA
ECET2AA472EA
ECET2AA332EA
ECET2AA822FA


Similar Part No. - ECET1HA103EA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECET1HA103EA PANASONIC-ECET1HA103EA Datasheet
412Kb / 2P
   Long Life - endurance rating of 3000 hours at 105째C Can vent construction
ECET1HA103EA PANASONIC-ECET1HA103EA Datasheet
412Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
ECET1HA103EA PANASONIC-ECET1HA103EA Datasheet
412Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
ECET1HA103EA PANASONIC-ECET1HA103EA Datasheet
240Kb / 5P
   Aluminum Electrolytic Capacitors
ECET1HA103EA PANASONIC-ECET1HA103EA Datasheet
412Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - ECET1HA103EA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com