Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C66VI-G Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT93C66VI-G
Description  4 kb Microwire Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C66VI-G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT93C66VI-G Datasheet HTML 3Page - ON Semiconductor CAT93C66VI-G Datasheet HTML 4Page - ON Semiconductor CAT93C66VI-G Datasheet HTML 5Page - ON Semiconductor CAT93C66VI-G Datasheet HTML 6Page - ON Semiconductor CAT93C66VI-G Datasheet HTML 7Page - ON Semiconductor CAT93C66VI-G Datasheet HTML 8Page - ON Semiconductor CAT93C66VI-G Datasheet HTML 9Page - ON Semiconductor CAT93C66VI-G Datasheet HTML 10Page - ON Semiconductor CAT93C66VI-G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CAT93C66, CAT93W66
http://onsemi.com
7
Write
After receiving a WRITE command (Figure 5), address
and the data, the CS (Chip Select) pin must be deselected for
a minimum of tCSMIN. The falling edge of CS will start the
self clocking clear and data store cycle of the memory
location specified in the instruction. The clocking of the SK
pin is not necessary after the device has entered the self
clocking mode. The ready/busy status of the CAT93C66,
CAT93W66 can be determined by selecting the device and
polling the DO pin. Since this device features Auto−Clear
before write, it is NOT necessary to erase a memory location
before it is written into.
Erase
Upon receiving an ERASE command and address, the CS
(Chip Select) pin must be deasserted for a minimum of
tCSMIN (Figure 6). The falling edge of CS will start the self
clocking clear cycle of the selected memory location. The
clocking of the SK pin is not necessary after the device has
entered the self clocking mode. The ready/busy status of the
CAT93C66, CAT93W66 can be determined by selecting the
device and polling the DO pin. Once cleared, the content of
a cleared location returns to a logical “1” state.
Figure 4. EWEN/EWDS Instruction Timing
CS
DI
STANDBY
10
0
*
SK
* ENABLE = 11
DISABLE = 00
Figure 5. Write Instruction Timing
SK
CS
DI
DO
STANDBY
HIGH−Z
HIGH−Z
10
1
BUSY
READY
STATUS
tHZ
tEW
tSV
VERIFY
AN−1
AN
A0
D0
DN
tCSMIN
Figure 6. Erase Instruction Timing
SK
CS
DI
DO
STANDBY
HIGH−Z
HIGH−Z
1
BUSY
READY
STATUS
11
VERIFY
tHZ
AN AN−1
A0
tCS
tSV
tEW


Similar Part No. - CAT93C66VI-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C66VI-G ONSEMI-CAT93C66VI-G Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM Self?뭪imed Write Cycle with Auto?뭖lear
April, 2012 ??Rev. 11
CAT93C66VI-G ONSEMI-CAT93C66VI-G Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66VI-G ONSEMI-CAT93C66VI-G Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66VI-G ONSEMI-CAT93C66VI-G Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
logo
Catalyst Semiconductor
CAT93C66VI-GT2 CATALYST-CAT93C66VI-GT2 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
More results

Similar Description - CAT93C66VI-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
CAT93C6612KI-28TE13 ONSEMI-CAT93C6612KI-28TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
N93C66 ONSEMI-N93C66 Datasheet
82Kb / 9P
   4 Kb Microwire Serial CMOS EEPROM
October, 2017 ??Rev. 0
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAT93C56 ONSEMI-CAT93C56 Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com