Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWH10913HVB Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWH10913HVB
Description  Metallized Polypropylene Film Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH10913HVB Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWH10913HVB Datasheet HTML 1Page - Panasonic Semiconductor ECWH10913HVB Datasheet HTML 2Page - Panasonic Semiconductor ECWH10913HVB Datasheet HTML 3Page - Panasonic Semiconductor ECWH10913HVB Datasheet HTML 4Page - Panasonic Semiconductor ECWH10913HVB Datasheet HTML 5Page - Panasonic Semiconductor ECWH10913HVB Datasheet HTML 6Page - Panasonic Semiconductor ECWH10913HVB Datasheet HTML 7Page - Panasonic Semiconductor ECWH10913HVB Datasheet HTML 8Page - Panasonic Semiconductor ECWH10913HVB Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC62−
Plastic Film Capacitors
■Dimensions in mm (not to scale)
Cut lead
C
■Taping Specifications for Automatic Insertion
Taping style
❈See the column “Rating, Dimensions & Quantity Box” for packing quantity.
■Packaging Specifications for Bulk Package
Packing quantity : 100 pcs./bag
●Lead Spacing
Style
E
Lead Spacing
7.5 mm
❈Refer to the page of taping specifications.
●Packaging Specifications
Type
Rated volt.
Cap. range
(µF)
Taping style
AD AS
B
C
D
E
Packing
suffix
ECWH(V)
1000 VDC
1250 VDC
1600 VDC
2000 VDC
0.0075 to 0.10
0.0036 to 0.051
0.0013 to 0.020
0.0010 to 0.015
Ammo
Ammo
Ammo
Ammo
R() V
R() V
R() V
R() V
p Œ ¯ ¶
‚ /P53-76
12.11.14 20:52
y [ W
62


Similar Part No. - ECWH10913HVB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH10913HVB PANASONIC-ECWH10913HVB Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWH10913HVB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com