Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VK105 Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # VK105
Description  Please read this notice before using the TAIYO YUDEN products.
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

VK105 Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  VK105 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc VK105 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc VK105 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc VK105 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc VK105 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc VK105 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc VK105 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc VK105 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc VK105 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
13
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
5
■Temperature compensating type
Code
Applicable
standard
Temperature
range[℃]
Ref. Temp.[℃]
Capacitance change
Capacitance
tolerance
Tolerance
code
CH
JIS
CH
-55~+125
20
0±60ppm/℃
±0.1pF
B
±0.25pF
C
±0.5pF
D
EIA
C0H
25
1pF
F
±5%
J
±10%
K
CJ
JIS
CJ
-55~+125
20
0±120ppm/℃
±0.25pF
C
EIA
C0J
25
CK
JIS
CK
-55~+125
20
0±250ppm/℃
±0.25pF
C
EIA
C0J
25
UJ
JIS
UJ
-55~+125
20
-750±120ppm/℃
±0.25pF
C
EIA
U2J
25
±0.5pF
D
±5%
J
UK
JIS
UK
-55~+125
20
-750±250ppm/℃
±0.5pF
C
EIA
U2K
-55~+125
25
SL
JIS
S
-55~+125
20
+350~-1000ppm/℃
±5%
J
⑥Series code
(Super low distortion multilayer ceramic capacitor(CFCAPTM)only)
Code
Series code
SD
Standard
⑦Nominal capacitance
Code
(example)
Nominal capacitance
0R5
0.5pF
010
1pF
100
10pF
101
100p
102
1,000pF
103
10,000pF
104
0.1μF
105
1.0μF
106
10μF
107
100μF
Note : R=Decimal point
⑧Capacitance tolerance
Code
Capacitance tolerance
B
±0.1pF
C
±0.25pF
D
±0.5pF
F
±1pF
J
±5%
K
±10%
M
±20%
Z
+80/-20%
⑨Thickness
Code
Thickness[mm]
C
0.2
D
0.2(Temperature compensating of 042type)
P
0.3
T
K
0.45
V
0.5
W
A
0.8
D
0.85(212type or more)
F
1.15
G
1.25
L
1.6
N
1.9
Y
2.0 max
M
2.5
⑩Special code
Code
Special code
Standard
⑪Packaging
Code
Packaging
F
φ178mm Taping (2mm pitch)
T
φ178mm Taping (4mm pitch)
P
φ178mm Taping (4mm pitch, 1000 pcs/reel)
325 type(Thickness code M)
W
φ178mm Taping(1mm pitch)042type only
⑫Internal code
Code
Internal code
Standard


Similar Part No. - VK105

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
VK105 TAIYO-YUDEN-VK105 Datasheet
626Kb / 19P
   Please read this notice before using the TAIYO YUDEN products
VK105 TAIYO-YUDEN-VK105 Datasheet
568Kb / 25P
   Please read this notice before using the TAIYO YUDEN products.
More results

Similar Description - VK105

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR8040T150M TAIYO-YUDEN-NR8040T150M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL10TB122J TAIYO-YUDEN-LHL10TB122J Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
NR5040T6R8M TAIYO-YUDEN-NR5040T6R8M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LB2012T101M TAIYO-YUDEN-LB2012T101M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL13TB151K TAIYO-YUDEN-LHL13TB151K Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2518T470M TAIYO-YUDEN-LB2518T470M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products
LHL08TB1R5M TAIYO-YUDEN-LHL08TB1R5M Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2016T330M TAIYO-YUDEN-LB2016T330M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
JMK105BJ474KV-F TAIYO-YUDEN-JMK105BJ474KV-F Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
JMK212BJ226MD-T TAIYO-YUDEN-JMK212BJ226MD-T Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com