Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECET2AA103EA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECET2AA103EA
Description  Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECET2AA103EA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECET2AA103EA Datasheet HTML 1Page - Panasonic Semiconductor ECET2AA103EA Datasheet HTML 2Page - Panasonic Semiconductor ECET2AA103EA Datasheet HTML 3Page - Panasonic Semiconductor ECET2AA103EA Datasheet HTML 4Page - Panasonic Semiconductor ECET2AA103EA Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Aluminum Electrolytic Capacitors
T-HA Standard Ratings
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
39000
35 x 40
5.10
5.87
0.022
0.020
47000
40 x 40
5.50
6.33
0.020
0.018
56000
35 x 50
6.00
6.90
0.019
0.017
68000
35 x 63
6.62
7.61
0.017
0.015
40 x 50
7.29
8.38
0.015
0.014
82000
40 x 63
7.66
8.81
0.017
0.015
100000
35 x 80
8.03
9.23
0.015
0.013
120000
35 x 105
8.71
10.02
0.014
0.012
40 x 80
8.79
10.11
0.014
0.012
150000
40 x 105
9.88
11.36
0.013
0.012
27000
35 x 40
4.80
5.52
0.018
0.017
33000
35 x 50
5.50
6.33
0.018
0.016
40 x 40
5.50
6.33
0.018
0.016
47000
35 x 63
6.56
7.54
0.017
0.015
40 x 50
6.47
7.44
0.015
0.014
56000
35 x 80
7.25
8.34
0.015
0.013
40 x 63
7.17
8.25
0.014
0.013
82000
35 x 105
8.58
9.87
0.013
0.012
40 x 80
8.68
9.98
0.013
0.012
100000
40 x 105
9.76
11.22
0.012
0.010
18000
35 x 40
4.30
4.95
0.028
0.021
22000
35 x 50
5.00
5.75
0.023
0.017
40 x 40
5.00
5.75
0.023
0.017
27000
35 x 63
5.53
6.36
0.025
0.018
40 x 50
5.44
6.26
0.020
0.015
33000
40 x 63
6.61
7.60
0.019
0.014
39000
35 x 80
6.52
7.50
0.019
0.014
47000
35 x 105
8.07
9.28
0.017
0.013
40 x 80
7.79
8.96
0.018
0.013
68000
40 x 105
9.27
10.66
0.016
0.012
10000
35 x 40
4.00
4.60
0.033
0.025
15000
35 x 50
4.80
5.52
0.022
0.018
40 x 40
4.80
5.52
0.022
0.018
18000
35 x 63
5.27
6.06
0.020
0.016
22000
40 x 50
5.15
5.92
0.016
0.013
27000
35 x 80
6.16
7.08
0.015
0.012
40 x 63
6.05
6.96
0.015
0.012
33000
35 x 105
7.23
8.31
0.013
0.010
39000
40 x 80
7.55
8.68
0.014
0.011
47000
40 x 105
8.18
9.41
0.012
0.010
6800
35 x 40
3.60
4.14
0.049
0.037
12000
35 x 50
4.40
5.06
0.028
0.023
40 x 40
4.52
5.20
0.030
0.026
15000
35 x 63
4.92
5.66
0.024
0.021
40 x 50
4.80
5.52
0.027
0.023
18000
35 x 80
5.79
6.66
0.022
0.019
40 x 63
5.39
6.20
0.023
0.020
27000
35 x 105
6.53
7.51
0.017
0.014
40 x 80
6.59
7.58
0.017
0.014
39000
40 x 105
7.53
8.66
0.014
0.012
ECET1JA153EA
43
ECET1JA273EA
ECET1JA183FA
ECET1JA183EA
ECET1JA153FA
ECET1JA393FA
ECET1JA273FA
ECET1JA123FA
ECET1JA123EA
Max 105°C R.C. (Arms)
20°C ESR (Ω, max.)
ECET1CA683EA
ECET1CA563EA
ECET1CA473FA
Panasonic Part Number
ECET1HA183EA
ECET1HA153FA
ECET1HA273FA
ECET1HA273EA
ECET1HA223FA
16 VDC Working, 20 VDC Surge
ECET1CA683FA
35 VDC Working, 44 VDC Surge
ECET1JA682EA
ECET1HA473FA
ECET1HA393FA
ECET1HA333EA
ECET1VA683FA
ECET1VA473FA
Size (mm)
D x L
ECET1CA154FA
ECET1CA124FA
ECET1CA124EA
ECET1CA104EA
ECET1CA823FA
ECET1CA393EA
4 Pin Style
ECET1VA473EA
ECET1VA393EA
ECET1VA333FA
ECET1VA273FA
Part numbers shown with 6.3mm Length Snap-in Terminals
25 VDC Working, 32 VDC Surge
ECET1VA223EA
ECET1VA183EA
ECET1EA104FA
ECET1EA823FA
ECET1EA823EA
ECET1EA563FA
ECET1EA563EA
ECET1EA473FA
ECET1EA473EA
ECET1EA333FA
ECET1EA333EA
ECET1EA273EA
50 VDC Working, 63 VDC Surge
63 VDC Working, 79 VDC Surge
ECET1VA273EA
ECET1VA223FA
ECET1HA153EA
ECET1HA103EA


Similar Part No. - ECET2AA103EA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECET2AA103EA PANASONIC-ECET2AA103EA Datasheet
412Kb / 2P
   Long Life - endurance rating of 3000 hours at 105째C Can vent construction
ECET2AA103EA PANASONIC-ECET2AA103EA Datasheet
412Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
ECET2AA103EA PANASONIC-ECET2AA103EA Datasheet
240Kb / 5P
   Aluminum Electrolytic Capacitors
ECET2AA103EA PANASONIC-ECET2AA103EA Datasheet
412Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - ECET2AA103EA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com