Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4425A Datasheet(PDF) 1 Page - ON Semiconductor

Part # LA4425A
Description  5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4425A Datasheet(HTML) 1 Page - ON Semiconductor

  LA4425A Datasheet HTML 1Page - ON Semiconductor LA4425A Datasheet HTML 2Page - ON Semiconductor LA4425A Datasheet HTML 3Page - ON Semiconductor LA4425A Datasheet HTML 4Page - ON Semiconductor LA4425A Datasheet HTML 5Page - ON Semiconductor LA4425A Datasheet HTML 6Page - ON Semiconductor LA4425A Datasheet HTML 7Page - ON Semiconductor LA4425A Datasheet HTML 8Page - ON Semiconductor LA4425A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
53007 MS PC/53096HA(II)/20293TS/9200TA,TS(KOTO)/3050TA,TS(AF) No.3309-1/9
Semiconductor Components Industries, LLC, 2013
June, 2013
http://onsemi.com
LA4425A
Overview
The LA4425A is a 5W power amplifier with very few external parts. The smallest package in the industry
[SIP-5H(TO-126 type)]. Only two external parts (Only I/O coupling capacitors). Almost no evaluation, adjustment and
check of its functions as a power IC required and simplified control
Functions
• Wide operation supply range → 5 to 16V
• On-chip protection:
- Over-voltage protection
- Thermal protection
- Output D.C. short protection .
• On-chip pop noise reducing circuit
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Rg = 0
18
V
Surge maximum supply voltage
VCC surge
Giant pulse 200ms
Rise time 1ms
50
V
Maximum output current
IO peak
3.3
A
Allowable power dissipation
Pd max
With infinite heat sink
7.5
W
Operating temperature
Topr
-30 to +80
°C
Storage temperature
Tstg
-40 to +150
°C
Ordering number : EN3309D
Ordering number : EN3309D
Monolithic Linear IC
5W Power Amplifier
with Very Few External Parts
for Car Radio and Car Stereo
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LA4425A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A Datasheet
162Kb / 8P
   5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
LA4425A SANYO-LA4425A Datasheet
105Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
ON Semiconductor
LA4425A ONSEMI-LA4425A Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425AN ONSEMI-LA4425AN Datasheet
98Kb / 10P
   5W Power Amplifier
September 2014 - Rev. 0
LA4425AN-D-E ONSEMI-LA4425AN-D-E Datasheet
98Kb / 10P
   5W Power Amplifier
September 2014 - Rev. 0
More results

Similar Description - LA4425A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A_07 Datasheet
105Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
LA4425A SANYO-LA4425A_10 Datasheet
138Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
ON Semiconductor
LA4425F-E ONSEMI-LA4425F-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
logo
Sanyo Semicon Device
LA4425PV SANYO-LA4425PV Datasheet
369Kb / 8P
   Monolithic Linear IC For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
LA4425A SANYO-LA4425A Datasheet
162Kb / 8P
   5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
   12W AF Power Amplifier for Car Radio, Car Stereo
logo
Toshiba Semiconductor
TA7205AP TOSHIBA-TA7205AP Datasheet
414Kb / 5P
   5.8W AUDIO POWER AMPLIFIER FOR CAR-STEREO, CAR-RADIO OUTPUT
logo
Sanyo Semicon Device
LA4460 SANYO-LA4460 Datasheet
478Kb / 5P
   12W AF Power Amplifier For Car Radio or Car Stereo
logo
NTE Electronics
NTE1388 NTE-NTE1388 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio, Car Stereo
logo
Sanyo Semicon Device
LA4485 SANYO-LA4485 Datasheet
497Kb / 20P
   5 W, Two-channel Power Amplifier with Very Few External Parts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com