Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETHC1A183HJ Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # EETHC1A183HJ
Description  Aluminum Electrolytic Capacitors/ HC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1A183HJ Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button EETHC1A183HJ Datasheet HTML 4Page - Panasonic Semiconductor EETHC1A183HJ Datasheet HTML 5Page - Panasonic Semiconductor EETHC1A183HJ Datasheet HTML 6Page - Panasonic Semiconductor EETHC1A183HJ Datasheet HTML 7Page - Panasonic Semiconductor EETHC1A183HJ Datasheet HTML 8Page - Panasonic Semiconductor EETHC1A183HJ Datasheet HTML 9Page - Panasonic Semiconductor EETHC1A183HJ Datasheet HTML 10Page - Panasonic Semiconductor EETHC1A183HJ Datasheet HTML 11Page - Panasonic Semiconductor EETHC1A183HJ Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HC
– EEE-142 –
Standard Products
✽When capacitors of φ35 45L and φ35 50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
250
270
22
25
EETHC2E271HJ
1.10
0.15
200
330
22
30
EETHC2E331HJ
1.20
0.15
200
25
25
EETHC2E331JJ
1.20
0.15
200
390
22
30
EETHC2E391HC
1.30
0.15
200
22
35
EETHC2E391HJ
1.30
0.15
200
25
25
EETHC2E391JJ
1.30
0.15
200
470
22
35
EETHC2E471HC
1.40
0.15
200
22
40
EETHC2E471HJ
1.40
0.15
200
25
30
EETHC2E471JJ
1.40
0.15
200
30
25
EETHC2E471KJ
1.40
0.15
200
560
22
40
EETHC2E561HC
1.50
0.15
200
22
45
EETHC2E561HJ
1.50
0.15
200
25
35
EETHC2E561JJ
1.50
0.15
200
30
25
EETHC2E561KJ
1.50
0.15
200
680
22
45
EETHC2E681HC
1.70
0.15
200
22
50
EETHC2E681HJ
1.70
0.15
200
25
40
EETHC2E681JJ
1.70
0.15
200
30
30
EETHC2E681KJ
1.70
0.15
200
35
25
EETHC2E681LJ
1.70
0.15
200
820
25
45
EETHC2E821JJ
2.00
0.15
200
30
35
EETHC2E821KJ
2.00
0.15
100
35
30
EETHC2E821LJ
2.00
0.15
200
1000
25
50
EETHC2E102JC
2.20
0.15
200
30
40
EETHC2E102KJ
2.20
0.15
100
35
30
EETHC2E102LJ
2.20
0.15
200
1200
30
45
EETHC2E122KJ
2.30
0.15
100
35
35
EETHC2E122LJ
2.30
0.15
100
1500
35
45
EETHC2E152LJ
2.50
0.15
100
1800
35
45
EETHC2E182LC
2.50
0.15
100
35
50
EETHC2E182LJ
2.70
0.15
100
315
150
22
25
EETHC2F151HJ
0.82
0.15
200
180
22
30
EETHC2F181HJ
0.90
0.15
200
220
22
30
EETHC2F221HJ
1.00
0.15
200
270
22
40
EETHC2F271HC
1.10
0.15
200
25
30
EETHC2F271JJ
1.10
0.15
200
330
22
45
EETHC2F331HJ
1.20
0.15
200
25
35
EETHC2F331JJ
1.20
0.15
200
30
25
EETHC2F331KJ
1.20
0.15
200
390
22
50
EETHC2F391HC
1.30
0.15
200
25
40
EETHC2F391JJ
1.30
0.15
200
30
30
EETHC2F391KJ
1.30
0.15
200
35
25
EETHC2F391LJ
1.30
0.15
200
470
25
45
EETHC2F471JJ
1.40
0.15
200
30
35
EETHC2F471KJ
1.40
0.15
100
560
25
50
EETHC2F561JJ
1.50
0.15
200
30
40
EETHC2F561KJ
1.50
0.15
100
35
30
EETHC2F561LJ
1.50
0.15
200
680
30
45
EETHC2F681KJ
1.70
0.15
100
35
35
EETHC2F681LJ
1.70
0.15
100
820
30
50
EETHC2F821KJ
2.00
0.15
100
35
40
EETHC2F821LJ
2.00
0.15
100
1000
35
45
EETHC2F102LJ
2.30
0.15
100
Endurance : 105 °C 2000 h
00 Nov. 2012


Similar Part No. - EETHC1A183HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1A183HJ PANASONIC-EETHC1A183HJ Datasheet
555Kb / 13P
   Snap-in Type
EETHC1A183HJ PANASONIC-EETHC1A183HJ Datasheet
656Kb / 13P
   Alumincum Electrolytic Capacitors/HC
EETHC1A183HJ PANASONIC-EETHC1A183HJ Datasheet
656Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
More results

Similar Description - EETHC1A183HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2C182JA PANASONIC-EET-HC2C182JA Datasheet
656Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
EEE-HC0J470R PANASONIC-EEE-HC0J470R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ HC
EEE-HC1V221P PANASONIC-EEE-HC1V221P Datasheet
109Kb / 3P
   Aluminum Electrolytic Capacitors/ HC
EEEHC0J220R PANASONIC-EEEHC0J220R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors HC
EEE-HC1C100R PANASONIC-EEE-HC1C100R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ HC
EET-HC2V102LF PANASONIC-EET-HC2V102LF Datasheet
656Kb / 13P
   Alumincum Electrolytic Capacitors/HC
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com