Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEFSX0D391E4 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEFSX0D391E4
Description  SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFSX0D391E4 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEFSX0D391E4 Datasheet HTML 1Page - Panasonic Semiconductor EEFSX0D391E4 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
– EEF-10 –
Series &
Size Code
Rated
W.V.
(V.DC)
Capaci-
tance
(±20 %)
(μF)
Case Size
Specification
Part number
Reflow condition
Min.
Packaging
Q’ty
(pcs)
L
(mm)
W
(mm)
H
(mm)
✽1
Ripple
current
(Ar.m.s.)
✽2
ESR
(m
Ω max.)
240 °C
✽3
260 °C
✽3
SL
2
100
7.3
4.3
1.8
3.0
9
EEFSL0D101ER
✽4
3500
120
7.3
4.3
1.8
3.0
9
EEFSL0D121ER
✽4
3500
150
7.3
4.3
1.8
3.0
9
EEFSL0D151ER
✽4
3500
180
7.3
4.3
1.8
3.0
9
EEFSL0D181ER
✽4
3500
220
7.3
4.3
1.8
3.0
9
EEFSL0D221ER
✽4
3500
2.5
100
7.3
4.3
1.8
3.0
9
EEFSL0E101ER
✽4
3500
120
7.3
4.3
1.8
3.0
9
EEFSL0E121ER
✽4
3500
150
7.3
4.3
1.8
3.0
9
EEFSL0E151ER
✽4
3500
482
7.3
4.3
1.8
3.0
9
EEFSL0G820ER
✽4
3500
6.3
56
7.3
4.3
1.8
3.0
9
EEFSL0J560R
✽5
3500
SX
2
180
7.3
4.3
1.9
3.0
9
EEFSX0D181ER
✽4
3500
220
7.3
4.3
1.9
3.0
9
EEFSX0D221ER
✽4
3500
270
7.3
4.3
1.9
3.0
9
EEFSX0D271ER
✽4
3500
7.3
4.3
1.9
3.5
6
EEFSX0D271XE
✽4
3500
7.3
4.3
1.9
3.8
4.5
EEFSX0D271E4
3500
330
7.3
4.3
1.9
3.0
9
EEFSX0D331ER
✽4
3500
7.3
4.3
1.9
3.5
6
EEFSX0D331XE
✽4
3500
7.3
4.3
1.9
3.8
4.5
EEFSX0D331E4
3500
390
7.3
4.3
1.9
3.0
9
EEFSX0D391ER
✽4
3500
7.3
4.3
1.9
3.5
6
EEFSX0D391XE
✽4
3500
7.3
4.3
1.9
4.0
4.5
EEFSX0D391E4
3500
470
7.3
4.3
1.9
3.0
9
EEFSX0D471ER
✽4
3500
7.3
4.3
1.9
3.5
6
EEFSX0D471XE
✽4
3500
7.3
4.3
1.9
4.0
4.5
EEFSX0D471E4
3500
560
7.3
4.3
1.9
3.8
4.5
EEFSX0D561E4
3500
2.5
150
7.3
4.3
1.9
3.0
9
EEFSX0E151ER
✽4
3500
180
7.3
4.3
1.9
3.0
9
EEFSX0E181ER
✽4
3500
220
7.3
4.3
1.9
3.0
9
EEFSX0E221ER
✽4
3500
7.3
4.3
1.9
3.5
7
EEFSX0E221E7
3500
270
7.3
4.3
1.9
3.5
7
EEFSX0E271E7
3500
330
7.3
4.3
1.9
3.0
9
EEFSX0E331ER
✽4
3500
7.3
4.3
1.9
3.5
6
EEFSX0E331XE
✽4
3500
7.3
4.3
1.9
4.0
4.5
EEFSX0E331E4
3500
390
7.3
4.3
1.9
3.0
9
EEFSX0E391ER
✽4
3500
7.3
4.3
1.9
3.5
6
EEFSX0E391XE
✽4
3500
7.3
4.3
1.9
4.0
4.5
EEFSX0E391E4
3500
470
7.3
4.3
1.9
3.0
9
EEFSX0E471ER
3500
7.3
4.3
1.9
3.5
6
EEFSX0E471XE
3500
7.3
4.3
1.9
3.8
4.5
EEFSX0E471E4
3500
4
82
7.3
4.3
1.9
3.0
9
EEFSX0G820ER
✽4
3500
100
7.3
4.3
1.9
3.0
9
EEFSX0G101ER
✽4
3500
150
7.3
4.3
1.9
3.0
9
EEFSX0G151ER
3500
7.3
4.3
1.9
3.5
7
EEFSX0G151E7
3500
180
7.3
4.3
1.9
3.0
9
EEFSX0G181ER
3500
220
7.3
4.3
1.9
3.0
9
EEFSX0G221ER
3500
6.3
120
7.3
4.3
1.9
3.5
7
EEFSX0J121E7
3500
150
7.3
4.3
1.9
3.0
9
EEFSX0J151ER
3500
Low ESR Products
✽1: Ripple current (100 kHz/ +20 to +105 °C ), ✽2: ESR (100 kHz/+20 °C)
✽3: Please refer to the page of “Mouting Specifications”.
✽4: Please use high temperature Lead-Free reflow (260 °C) for new design.
✽5: In the case of new design please contact us.
○ : available, — : not available
00 Nov. 2012


Similar Part No. - EEFSX0D391E4

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFSX0D391E4 PANASONIC-EEFSX0D391E4 Datasheet
66Kb / 2P
   Surface Mount Type
logo
PACELEADER INDUSTRIAL
EEFSX0D391E4 PACELEADER-EEFSX0D391E4 Datasheet
60Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
logo
Panasonic Semiconductor
EEFSX0D391E4 PANASONIC-EEFSX0D391E4 Datasheet
60Kb / 2P
   SP Cap Conductive Polymer Aluminum Capacitors Specialty Polymer Aluminum Capacitors
EEFSX0D391E4 PANASONIC-EEFSX0D391E4 Datasheet
60Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEFSX0D391E4 PANASONIC-EEFSX0D391E4 Datasheet
73Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results

Similar Description - EEFSX0D391E4

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEF-SX0E471E4 PANASONIC-EEF-SX0E471E4 Datasheet
71Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0K101ER PANASONIC-EEF-UD0K101ER Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-ST0D331R PANASONIC-EEF-ST0D331R Datasheet
58Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UE0G331R PANASONIC-EEF-UE0G331R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0J470R PANASONIC-EEF-CD0J470R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD1C2R2R PANASONIC-EEF-CD1C2R2R Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0G151LE PANASONIC-EEF-UD0G151LE Datasheet
107Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-GX0E471R PANASONIC-EEF-GX0E471R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0K220R PANASONIC-EEF-CD0K220R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CX0J101R PANASONIC-EEF-CX0J101R Datasheet
93Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com