Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEETK1H471AM Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEETK1H471AM
Description  Aluminum Electrolytic Capacitors/ TK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEETK1H471AM Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEETK1H471AM Datasheet HTML 1Page - Panasonic Semiconductor EEETK1H471AM Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ TK
– EE73 –
1000
Capacitance (
µF)
Rated Voltage Mark
Series
Mark for Lead-Free
Products
Black Dot (Square)
Lot number
Negative
polarity
marking (–)
ATK
A
±0.2
W
() Reference size
L
+
0.3 max.
Pressure Relief (
φ10 and larger)
Features
● Endurance: 2000 h at 125 °C
● Vibration-proof product is available upon request.
● RoHS directive compliant
Specifications
Category Temp. Range
–40 °C to +125 °C
Rated W.V. Range
10 V.DC to 100 V.DC
Nominal Cap. Range
47 µF to 4700 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV After 2 minutes
tan
δ
Please see the attached High temperature lead-free reflow products list.
Characteristics at Low
Temperature
W.V. (V)
10
16
25
35
50
63
80
100
(Impedance ratio at 120 Hz)
Z(–25 °C)/Z(+20 °C)
3
2
2
22222
Z(–40 °C)/Z(+20 °C)
6
4
4
33333
Endurance
After applying rated working voltage for 2000 hours at +125 °C±2 °C and then being stabilized at +20 °C,
Capacitors shall meet the following limits.
Capacitance change
±30 % of initial measured value (Miniaturization product : Within ±35 %)
tan
δ
< 300 % of initial specified value (Miniaturization product : Within 350 %)
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +125 °C±2 °C with no voltage applied and then being stabilized at +20 °C,
capacitors shall meet the limits specified in Endurance.(With voltage treatment)
Resistance to
Soldering Heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change
±10 % of initial measured value
tan
δ
< initial specified value
DC leakage current
< initial specified value
Dimensions in mm (not to scale)
Marking
(mm)
Example:10 V 1000 µF
Marking color: BLACK
Surface Mount Type
Series: Medium-size
TK
Type:
V
TK High temperature Lead-Free reflow(suffix:A✽)
Rated Voltage Mark
A10 V
C16 V
E25 V
V35 V
H50 V
J63 V
K80 V
2A
100 V
Size
code
DL
A, B
H
I
W
P
K
H13
12.5
13.5±0.5
13.5 15.0 max.
4.7
0.90±0.3
4.4
0.70±0.3
J16
16.0
16.5±0.5
17.0 19.0 max.
5.5
1.20±0.3
6.7
0.70±0.3
K16
18.0
16.5±0.5
19.0 21.0 max.
6.7
1.20±0.3
6.7
0.70±0.3
Frequency (Hz)
120
1 k
10 k
100 k to
Correction factor
0.75
0.90
0.95
1.00
Frequency correction factor for ripple current
Sep. 2011
02


Similar Part No. - EEETK1H471AM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEETK1H471AM PANASONIC-EEETK1H471AM Datasheet
65Kb / 2P
   Aluminum Electrolytic Capacitors/ TK
EEETK1H471AM PANASONIC-EEETK1H471AM Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ TK
EEETK1H471AM PANASONIC-EEETK1H471AM Datasheet
56Kb / 2P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEETK1H471AM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-TK1V331AQ PANASONIC-EEE-TK1V331AQ Datasheet
65Kb / 2P
   Aluminum Electrolytic Capacitors/ TK
EEE-TK1E221UP PANASONIC-EEE-TK1E221UP Datasheet
71Kb / 2P
   Aluminum Electrolytic Capacitors/ TK
EEETK1E101P PANASONIC-EEETK1E101P Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ TK
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com