Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT803RTBI-T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT803RTBI-T3
Description  3-Pin Microprocessor Power Supply Supervisors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT803RTBI-T3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT803RTBI-T3 Datasheet HTML 1Page - ON Semiconductor CAT803RTBI-T3 Datasheet HTML 2Page - ON Semiconductor CAT803RTBI-T3 Datasheet HTML 3Page - ON Semiconductor CAT803RTBI-T3 Datasheet HTML 4Page - ON Semiconductor CAT803RTBI-T3 Datasheet HTML 5Page - ON Semiconductor CAT803RTBI-T3 Datasheet HTML 6Page - ON Semiconductor CAT803RTBI-T3 Datasheet HTML 7Page - ON Semiconductor CAT803RTBI-T3 Datasheet HTML 8Page - ON Semiconductor CAT803RTBI-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2012
October, 2012 − Rev. 33
1
Publication Order Number:
CAT803/D
CAT803, CAT809, CAT810
3-Pin Microprocessor
Power Supply Supervisors
Description
The CAT803, CAT809, and CAT810 are supervisory circuits that
monitor power supplies in digital systems. The CAT803, CAT809, and
CAT810 are direct replacements for the MAX803, MAX809 and
MAX810 in applications operating over the industrial temperature range.
These devices generate a reset signal, which is asserted while the
power supply voltage is below a preset threshold level and for at least
140 ms after the power supply level has risen above that level. The
underlying floating gate technology, Analog EEPROM used by
ON Semiconductor, makes it possible to offer any custom reset
threshold value. Seven industry standard threshold levels are offered
to support +5.0 V, +3.3 V, +3.0 V and +2.5 V systems.
The CAT803 has an open−drain RESET output (active LOW). The
CAT803 requires a pull−up resistor on the reset output.
The CAT809 features a push−pull RESET output (active LOW) and
the CAT810 features a push−pull RESET output (active HIGH).
Fast transients on the power supply are ignored and the output is
guaranteed to be in the correct state at VCC levels as low as 1.0 V.
The CAT803, CAT809, and CAT810 are available in both the
compact 3−pin SOT−23 and SC−70 packages.
Features
Precision Monitoring of
+5.0 V (−5%, −10%, −20%),
+3.3 V (−5%, −10%),
+3.0 V (−10%) and
+2.5 V (−5%) Power Supplies
Offered in Three Output Configurations:
− CAT803: Open−Drain Active LOW Reset
− CAT809: Push−Pull Active LOW Reset
− CAT810: Push−Pull Active HIGH Reset
Direct Replacements for the MAX803, MAX809 and MAX810 in
Applications Operating over the Industrial Temperature Range
Reset Valid down to VCC = 1.0 V
6 mA Power Supply Current
Power Supply Transient Immunity
Industrial Temperature Range: −40°C to +85°C
Available in SOT−23 and SC−70 Packages
These Devices are Pb−Free and are RoHS Compliant
Applications
Computers, Servers, Laptops, Cable Modems
Wireless Communications
Embedded Control Systems
White Goods, Power Meters
Intelligent Instruments
PDAs and Handheld Equipment
http://onsemi.com
PIN CONFIGURATION
VCC
RESET
(RESET)
GND
1
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
(Top View)
SOT−23
TB SUFFIX
CASE 527AG
SC−70
SD SUFFIX
CASE 419AB
2
3
CAT803
CAT809
(CAT810)
3−Lead SOT23
3−Lead SC70
XXXMG
G
XXX
= Specific Device Code
M
= Month Code
G
= Pb−Free Package
XXXMG
G
MARKING DIAGRAMS
(*Note: Microdot may be in either location)
SOT−23
SC−70


Similar Part No. - CAT803RTBI-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT803RTBI-T3 ONSEMI-CAT803RTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803RTBI-T3 ONSEMI-CAT803RTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803RTBI-T3 ONSEMI-CAT803RTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803RTBI-T3 ONSEMI-CAT803RTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803RTBI-T3 ONSEMI-CAT803RTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results

Similar Description - CAT803RTBI-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
logo
Catalyst Semiconductor
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com