Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2564RVMR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC2564RVMR
Description  Bluetooth and Dual-Mode Controller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2564RVMR Datasheet(HTML) 1 Page - Texas Instruments

  CC2564RVMR Datasheet HTML 1Page - Texas Instruments CC2564RVMR Datasheet HTML 2Page - Texas Instruments CC2564RVMR Datasheet HTML 3Page - Texas Instruments CC2564RVMR Datasheet HTML 4Page - Texas Instruments CC2564RVMR Datasheet HTML 5Page - Texas Instruments CC2564RVMR Datasheet HTML 6Page - Texas Instruments CC2564RVMR Datasheet HTML 7Page - Texas Instruments CC2564RVMR Datasheet HTML 8Page - Texas Instruments CC2564RVMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
CC256x
www.ti.com
SWRS121C – JULY 2012 – REVISED OCTOBER 2013
Bluetooth® and Dual-Mode Controller
1
Bluetooth and Dual-Mode Controller
– Package Footprint: 76 Pins, 0.6-mm Pitch,
1.1
Features
8.10-mm- x 8.10-mm mrQFN
123456
• Single-Chip Bluetooth Solution Integrating
• Best-in-Class Bluetooth (RF) Performance (TX
Bluetooth Basic Rate (BR)/Enhanced Data Rate
Power, RX Sensitivity, Blocking)
(EDR)/Low Energy (LE) Features Fully
– Class 1.5 TX Power Up to +12 dBm
Compliant With the Bluetooth 4.0 Specification
– Internal Temperature Detection and
Up to the HCI Layer
Compensation to Ensure Minimal Variation
• BR/EDR Features Include:
in RF Performance Over Temperature, No
– Up to 7 Active Devices
External Calibration Required
– Scatternet: Up to 3 Piconets Simultaneously,
– Improved Adaptive Frequency Hopping
1 as Master and 2 as Slaves
(AFH) Algorithm With Minimum Adaptation
– Up to 2 SCO Links on the Same Piconet
Time
– Support for All Voice Air-Coding –
– Provides Longer Range, Including 2x Range
Continuously Variable Slope Delta (CVSD),
Over Other BLE-Only Solutions
A-Law,
μ-Law, and Transparent (Uncoded)
• Advanced Power Management for Extended
• CC2560B/CC256B Devices Provide an Assisted
Battery Life and Ease of Design:
Mode for HFP1.6 Wideband Speech (WBS)
– On-Chip Power Management, Including
Profile or A2DP Profile to Reduce Host
Direct Connection to Battery
Processing and Power
– Low Power Consumption for Active,
• LE Features Include:
Standby, and Scan Bluetooth Modes
– Support of Up to 6 (CC2564) or 10 (CC2564B)
– Shutdown and Sleep Modes to Minimize
Simultaneous Connections
Power Consumption
– Multiple Sniff Instances Tightly Coupled to
• Physical Interfaces:
Achieve Minimum Power Consumption
– Standard HCI Over H4 UART With Maximum
– Independent Buffering for LE Allows Large
Rate of 4 Mbps Supported by All CC256x
Numbers of Multiple Connections Without
Members
Affecting BR/EDR Performance.
– Standard HCI Over H5 UART With Maximum
– Includes Built-In Coexistence and
Rate of 4 Mbps Supported by CC2560B and
Prioritization Handling for BR/EDR and LE
CC2564B Devices
• Flexibility for Easy Stack Integration and
– Fully Programmable Digital PCM-I2S Codec
Validation Into Various Microcontrollers, Such
Interface
as MSP430™ and ARM® Cortex™ M3 and M4
• CC256x Bluetooth Hardware Evaluation Tool:
MCUs
PC-Based Application to Evaluate RF
• Highly Optimized for Low-Cost Designs:
Performance of the Device and Configure
– Single-Ended 50-
Ω RF Interface
Service Pack
1.2
Applications
Mobile phone accessories
Sports and fitness applications
Wireless audio solutions
Remote controls
Toys
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MSP430 is a trademark of Texas Instruments.
3
Cortex is a trademark of ARM Limited.
4
ARM7TDMIE is a registered trademark of ARM Limited.
5
ARM is a registered trademark of ARM Physical IP, Inc.
6
Bluetooth is a registered trademark of Bluetooth SIG, Inc.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2012–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - CC2564RVMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2564RVMR TI1-CC2564RVMR Datasheet
567Kb / 47P
[Old version datasheet]   Bluetooth짰 Smart Ready Controller
CC2564RVMR TI1-CC2564RVMR Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2564RVMR TI1-CC2564RVMR Datasheet
1Mb / 52P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2564RVMR TI1-CC2564RVMR Datasheet
1Mb / 53P
[Old version datasheet]   Dual-Mode Bluetooth Controller
More results

Similar Description - CC2564RVMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2560A TI1-CC2560A Datasheet
1Mb / 52P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2560A TI1-CC2560A_18 Datasheet
1Mb / 53P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2560A TI1-CC2560A_16 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2564C TI1-CC2564C Datasheet
863Kb / 52P
[Old version datasheet]   CC2564C Dual-Mode Bluetooth Controller
logo
Panasonic Semiconductor
PAN1026 PANASONIC-PAN1026 Datasheet
388Kb / 2P
   Dual Mode, Place and Play Bluetooth Module
logo
Texas Instruments
CC2564 TI-CC2564_15 Datasheet
916Kb / 47P
[Old version datasheet]   Bluetooth짰 and Dual-Mode Controller
logo
Microchip Technology
BM78 MICROCHIP-BM78_V01 Datasheet
3Mb / 60P
   Bluetooth® Dual-Mode Module
2016-2019
logo
List of Unclassifed Man...
IS1002 ETC1-IS1002 Datasheet
84Kb / 13P
   Bluetooth Baseband Controller
logo
Motorola, Inc
MC71000 MOTOROLA-MC71000 Datasheet
556Kb / 32P
   Bluetooth Baseband Controller
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
   Bluetooth baseband controller
Rev. 01-23 April 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com