Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETHC1A683KJ Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EETHC1A683KJ
Description  Aluminum Electrolytic Capacitors/ HC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1A683KJ Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EETHC1A683KJ Datasheet HTML 1Page - Panasonic Semiconductor EETHC1A683KJ Datasheet HTML 2Page - Panasonic Semiconductor EETHC1A683KJ Datasheet HTML 3Page - Panasonic Semiconductor EETHC1A683KJ Datasheet HTML 4Page - Panasonic Semiconductor EETHC1A683KJ Datasheet HTML 5Page - Panasonic Semiconductor EETHC1A683KJ Datasheet HTML 6Page - Panasonic Semiconductor EETHC1A683KJ Datasheet HTML 7Page - Panasonic Semiconductor EETHC1A683KJ Datasheet HTML 8Page - Panasonic Semiconductor EETHC1A683KJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HC
– EEE-135 –
1.5
±0.2
2.0 max.
Terminal
(t=0.8)
4.0
±0.5
Top of spin
Standard terminal type does not require
terminal trimming peocess.
L+2.0 max.
Rated voltage etc. indicate to sleeve.
(10
.0)
10.
0±0.1
2-
φ2.0±0.1
Sleeve
Vent
Polarity bar
Recommended PWB piercing plan
0.8
+0.2
–0.1
(
φD)
Features
● Endurance : 105 °C 2000 h
● 30 % smaller than series TS-HB
● RoHS directive compliant
Snap-in Type
Series:
HC Type: TS
Dimensions in mm (not to scale)
Specifications
Category Temp. Range
–40 °C to +105 °C
–25 °C to +105 °C
Rated W.V. Range
10 V.DC to 100 V.DC
160 V.DC to 250 V.DC
315 V.DC to 450 V.DC
Nominal Cap. Range820 µF to 100000 µF
150 µF to 3300 µF
39 µF to 1000 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
3
CV (µA) max. After 5 minutes application of rated working voltage at +20 °C.
C : Capacitance (µF)
V: W.V. (V.DC)
tan
δ
Please see the attached standard products list
Endurance
After 2000 hours application of DC voltage with specified ripple current (
< rated DC working voltage)
at +105 °C±2 °C, the capacitors shall meet the following limits.
Capacitance change
< ±20 % of initial measured value
tan
δ
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C within no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
(Unit : mm)
Frequency correction factor for ripple current
Rated Voltage
Frequency (Hz)
50
60
100
120
5001 k
10 k to
10 V.DC to 100 V.DC /C.F.
0.93
0.95
0.99
1.00
1.05
1.08
1.15
160 V.DC to 450 V.DC /C.F.
0.75
0.80
0.95
1.00
1.201.25
1.40
00 Nov. 2012


Similar Part No. - EETHC1A683KJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1A683KJ PANASONIC-EETHC1A683KJ Datasheet
555Kb / 13P
   Snap-in Type
EETHC1A683KJ PANASONIC-EETHC1A683KJ Datasheet
656Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
More results

Similar Description - EETHC1A683KJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2C182JA PANASONIC-EET-HC2C182JA Datasheet
656Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
EEE-HC0J470R PANASONIC-EEE-HC0J470R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ HC
EEE-HC1V221P PANASONIC-EEE-HC1V221P Datasheet
109Kb / 3P
   Aluminum Electrolytic Capacitors/ HC
EEEHC0J220R PANASONIC-EEEHC0J220R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors HC
EEE-HC1C100R PANASONIC-EEE-HC1C100R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ HC
EET-HC2V102LF PANASONIC-EET-HC2V102LF Datasheet
656Kb / 13P
   Alumincum Electrolytic Capacitors/HC
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com