Electronic Components Datasheet Search |
|
CAT809STBI-T3 Datasheet(PDF) 2 Page - ON Semiconductor |
|
CAT809STBI-T3 Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 11 page CAT803, CAT809, CAT810 http://onsemi.com 2 Table 1. THRESHOLD SUFFIX SELECTOR Nominal Threshold Voltage Threshold Suffix Designation 4.63 V L 4.55 V H 4.38 V M 4.00 V J 3.08 V T 2.93 V S 2.63 V R 2.32 V Z 1.60 V V Table 2. PIN DESCRIPTIONS Pin Number Name Description CAT803 CAT809 CAT810 1 1 1 GND Ground 2 2 − RESET Active LOW reset. RESET is asserted if VCC falls below the reset threshold and remains low for at least 140 ms after VCC rises above the reset threshold. − − 2 RESET Active HIGH reset. RESET is asserted if VCC falls below the reset threshold and remains high for at least 140 ms after VCC rises above the reset threshold. 3 3 3 VCC Power supply voltage that is monitored. Table 3. ABSOLUTE MAXIMUM RATINGS Parameter Rating Units Any pin with respect to ground −0.3 to +6.0 V Input Current, VCC 20 mA Output Current, RESET, RESET 20 mA Rate of Rise, VCC 100 V/ms Continuous Power Dissipation Derate 2.2 mW/°C above 70°C (SC70) Derate 4 mW/°C above 70°C (SOT23) 175 320 mW Operating Temperature Range −40 to +85 °C Storage Temperature Range −65 to +105 °C Lead Soldering Temperature (10 sec) 300 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. |
Similar Part No. - CAT809STBI-T3 |
|
Similar Description - CAT809STBI-T3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |