Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT859FTBI-T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT859FTBI-T3
Description  3-Pin Microprocessor Power Supply Supervisors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT859FTBI-T3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT859FTBI-T3 Datasheet HTML 1Page - ON Semiconductor CAT859FTBI-T3 Datasheet HTML 2Page - ON Semiconductor CAT859FTBI-T3 Datasheet HTML 3Page - ON Semiconductor CAT859FTBI-T3 Datasheet HTML 4Page - ON Semiconductor CAT859FTBI-T3 Datasheet HTML 5Page - ON Semiconductor CAT859FTBI-T3 Datasheet HTML 6Page - ON Semiconductor CAT859FTBI-T3 Datasheet HTML 7Page - ON Semiconductor CAT859FTBI-T3 Datasheet HTML 8Page - ON Semiconductor CAT859FTBI-T3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CAT853, CAT859, CAT863, CAT869
http://onsemi.com
3
Table 4. ELECTRICAL CHARACTERISTICS (VCC = Full range, TA = −40°C to +85°C unless otherwise noted.
Typical values at TA = +25°C and VCC = 3.3 V for the C, S, T versions, VCC = 5 V for the M version.)
Symbol
Parameter
Conditions
Min
Typ
(Note 1)
Max
Units
VCC Range
TA = 0°C to +70°C
1.0
5.5
V
TA = −40°C to +85°C
1.2
5.5
ICC
Supply Current
TA = −40°C to +85°C
VCC < 3.6 V, C, S, T
6
15
mA
VTH
Reset Threshold
Voltage
L Threshold
TA = +25°C
4.56
4.63
4.70
V
TA = −40°C to +85°C
4.50
4.75
M Threshold
TA = +25°C
4.31
4.38
4.45
TA = −40°C to +85°C
4.25
4.50
F Threshold
TA = +25°C
4.14
4.20
4.26
TA = −40°C to +85°C
4.08
4.31
J Threshold
TA = +25°C
3.93
4.00
4.06
TA = −40°C to +85°C
3.89
4.10
T Threshold
TA = +25°C
3.04
3.08
3.11
TA = −40°C to +85°C
3.00
3.15
S Threshold
TA = +25°C
2.89
2.93
2.96
TA = −40°C to +85°C
2.85
3.00
R Threshold
TA = +25°C
2.59
2.63
2.66
TA = −40°C to +85°C
2.55
2.70
C Threshold
TA = +25°C
2.35
2.40
2.45
TA = −40°C to +85°C
2.30
2.50
Z Threshold
TA = +25°C
2.28
2.32
2.35
TA = −40°C to +85°C
2.25
2.38
Reset Threshold
Tempco
30
ppm/°C
VCC to Reset Delay
VCC = VTH to (VTH − 100 mV)
20
ms
Reset Active
Timeout Period
TA = −40°C to +85°C
140
240
460
ms
VOL
RESET Output
Voltage Low
VCC = VTH min, ISINK = 1.2 mA
0.4
V
VCC > 1.0 V, ISINK = 50 mA
0.3
VOH
RESET Output
Voltage High
VCC = VTH max, ISOURCE = −500 mA
(for CAT859/869 only)
0.8 VCC
V
1. Production testing done at TA = +25°C; limits over temperature guaranteed by design only.


Similar Part No. - CAT859FTBI-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT859FTBI-G ONSEMI-CAT859FTBI-G Datasheet
683Kb / 10P
   3-Pin Microprocessor Power Supply Supervisors
Doc. No. MD-3026, Rev. G
More results

Similar Description - CAT859FTBI-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
logo
Catalyst Semiconductor
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com