Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT863CTBI-T3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT863CTBI-T3
Description  3-Pin Microprocessor Power Supply Supervisors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT863CTBI-T3 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT863CTBI-T3 Datasheet HTML 1Page - ON Semiconductor CAT863CTBI-T3 Datasheet HTML 2Page - ON Semiconductor CAT863CTBI-T3 Datasheet HTML 3Page - ON Semiconductor CAT863CTBI-T3 Datasheet HTML 4Page - ON Semiconductor CAT863CTBI-T3 Datasheet HTML 5Page - ON Semiconductor CAT863CTBI-T3 Datasheet HTML 6Page - ON Semiconductor CAT863CTBI-T3 Datasheet HTML 7Page - ON Semiconductor CAT863CTBI-T3 Datasheet HTML 8Page - ON Semiconductor CAT863CTBI-T3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CAT853, CAT859, CAT863, CAT869
http://onsemi.com
5
DETAILED DESCRIPTION
Reset Timing
The reset signal is asserted low for the CAT853, CAT863, CAT859, and CAT869 when the power supply voltage falls below
the threshold trip voltage and remains asserted for at least 140 ms after the power supply voltage has risen above the threshold.
5 V
0 V
5 V
0 V
Threshold
Voltage
140 ms
minimum
Reset Timeout Period
Power
Supply
Voltage
Figure 6. Reset Timing Diagram
RESET
VCC Transient Response
The CAT853, CAT863, CAT859, and CAT869 protect
mPs
against brownout failure. Short duration transients of 4
ms or
less and 100 mV amplitude typically do not cause a false
RESET.
Figure 7 shows the maximum pulse duration of
negative−going VCC transients that do not cause a reset
condition. As the amplitude of the transient goes further
below the threshold (increasing VTH − VCC), the maximum
pulse duration decreases. In this test, the VCC starts from an
initial voltage of 0.5 V above the threshold and drops below
it by the amplitude of the overdrive voltage (VTH − VCC).
Figure 7. Maximum Transient Duration Without
Causing a Reset Pulse vs. Reset Comparator
Overdrive
RESET OVERDRIVE VTH − VCC (mV)
1000
100
10
1
0
5
10
15
20
25
30
“M” THRESHOLD
“C” THRESHOLD
TAMB = 25°C
Valid Reset with VCC under 1.0 V
To ensure that the CAT859 and CAT869 RESET pin is in
a known state when VCC is under 1.0 V, a > 10 kW
pull−down resistor between RESET pin and GND is
recommended.
CAT8x9
GND
Power
Supply
Figure 8. RESET Valid with VCC Under 1.0 V
10 kW
VCC
RESET


Similar Part No. - CAT863CTBI-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT863 CATALYST-CAT863 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT863 ONSEMI-CAT863 Datasheet
683Kb / 10P
   3-Pin Microprocessor Power Supply Supervisors
Doc. No. MD-3026, Rev. G
CAT863 ONSEMI-CAT863 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT863 ONSEMI-CAT863 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
logo
Catalyst Semiconductor
CAT863M CATALYST-CAT863M Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results

Similar Description - CAT863CTBI-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
logo
Catalyst Semiconductor
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com