Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERA3YKB102V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERA3YKB102V
Description  Metal Film Chip Resistors, Rectangular Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERA3YKB102V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERA3YKB102V Datasheet HTML 1Page - Panasonic Semiconductor ERA3YKB102V Datasheet HTML 2Page - Panasonic Semiconductor ERA3YKB102V Datasheet HTML 3Page - Panasonic Semiconductor ERA3YKB102V Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal Film Chip Resistors, Rectangular Type
E
1
R
2
A
3
3
4
Y
5
E
6
B
7
1
8
0
9
2
10
V
11
Metal Film
Chip Resistors
Product Code
Size, Power Rating
Type: inches Power Rating
0.063 W
0.1 W
0.25 W
Temperature Coefficient
Code
E
H
K
±25 10–6/°C (ppm/°C)
±50 10–6/°C (ppm/°C)
±100 10–6/°C (ppm/°C)
Resistance Tolerance
Code
B
D
Tolerance
±0.1 %
±0.5 %
Resistance Value
The first two digits are significant figures of resistance
and the third one denotes number of zeros following.
T.C.R.
3Y : 0603
6Y : 0805
14 : 1210
Packaging Methods
Code
V
Packaging
Type
Punched Carrier Taping
4mm pitch
Embossed Carrier Taping
4mm pitch
ERA3Y
ERA6Y
ERA14
U
a
b
t
W
L
Metal Film Chip Resistors,
Rectangular Type
0603, 0805, 1210
Type:
ERA 3Y, 6Y, 14
Features
● Small size and lightweight
● High reliability
Low T.C.R. & current noise, excellent non-linearity
● Suitable for both reflow and flow soldering
● Reference Standards
IEC 60115-8, JIS C 5201-8, EIAJ RC-2133A
Explanation of Part Numbers
Dimensions in mm (not to scale)
Construction
Protective coating
Alumina substrate
Electrode (Inner)
Electrode
(Between)
High reliability
metal film
Electrode (Outer)
Type
(inches)
Dimensions (mm)
Mass (Weight)
[g/1000 pcs.]
LWa
b
t
ERA3Y
(0603)
1.60
±0.20
0.80
±0.20
0.30
±0.20
0.30
±0.20
0.45
±0.10
2
ERA6Y
(0805)
2.00
±0.20
1.25
±0.10
0.40
±0.25
0.40
±0.25
0.50
±0.10
4
ERA14
(1210)
3.20
±0.20
2.50
±0.20
0.50
±0.20
0.50
±0.20
0.60
±0.10
16
Mar. 2008


Similar Part No. - ERA3YKB102V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA3YKB102V PANASONIC-ERA3YKB102V Datasheet
186Kb / 3P
   Metal Film Chip Resistors 0603, 0805 Small size and lightweight
ERA3YKB102V PANASONIC-ERA3YKB102V Datasheet
186Kb / 3P
   Metal Film Chip Resistors
ERA3YKB102V PANASONIC-ERA3YKB102V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
More results

Similar Description - ERA3YKB102V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA-3YEB203V PANASONIC-ERA-3YEB203V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
ERA-14EB221U PANASONIC-ERA-14EB221U Datasheet
111Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
logo
List of Unclassifed Man...
RG1608P-102-B-T1 ETC2-RG1608P-102-B-T1 Datasheet
489Kb / 13P
   FIXED METAL FILM CHIP RESISTORS RECTANGULAR TYPE
logo
KOA Speer Electronics, ...
BPR26CFT KOA-BPR26CFT Datasheet
94Kb / 3P
   rectangular type metal plate resistors
BPR58CFR10J KOA-BPR58CFR10J Datasheet
252Kb / 2P
   rectangular type metal plate resistors
logo
Vishay Siliconix
DCRCW VISHAY-DCRCW Datasheet
136Kb / 6P
   Thick Film, Rectangular Chip Resistors
Revision 28-Apr-03
CRCW080568R0FKEA VISHAY-CRCW080568R0FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
CRCW080582K5FKEA VISHAY-CRCW080582K5FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
logo
Panasonic Semiconductor
ERA-6YKD244V PANASONIC-ERA-6YKD244V Datasheet
186Kb / 3P
   Metal Film Chip Resistors
ERA3YEB243V PANASONIC-ERA3YEB243V Datasheet
186Kb / 3P
   Metal Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com