Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELT3KN042B Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ELT3KN042B
Description  VOLTAGE STEP-UP COILS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELT3KN042B Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ELT3KN042B Datasheet HTML 1Page - Panasonic Semiconductor ELT3KN042B Datasheet HTML 2Page - Panasonic Semiconductor ELT3KN042B Datasheet HTML 3Page - Panasonic Semiconductor ELT3KN042B Datasheet HTML 4Page - Panasonic Semiconductor ELT3KN042B Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Voltage Step-up Coils)
– 137 –
Don’t Press
Wiring Tab
Precautions for use
1.Operation range and environments
1 These products are designed and manufactured for general and standard use in general electronic
equipment (e.g. AV equipment, home electric appliances, office equipment, information and communication
equipment)
2 These products are not intended for use in the following special conditions. Before using the products, carefully check
the effects on their quality and performance, and determine whether or not they can be used.
• In liquid, such as water, oil, chemicals, or organic solvent
• In direct sunlight, outdoors, or in dust
• In salty air or air with a high concentration of corrosive gas, such as Cl2, H2S, NH3, SO2, or NO2
• In an environment where these products cause dew condensation
2. Handling
1 Do not bring magnets or magnetized materials close to the product. The influence of their magnetic field can
change the inductance value.
2 Do not apply strong mechanical shocks by either dropping or collision with other parts.
Excessive schock can damage the part.
3. Resoldering with a soldering iron
1 Resoldering should be done within 3 seconds by soldering iron, the temperature with 350 °C or less and should
be cooling down after ward. Both side of terminals shall be fixed closely to PWB. And terminals shall not be
pressed in heating.
Safety Precautions
(Common precautions for Voltage Step-up Coils)
• When using our products, no matter what sort of equipment they might be used for, be sure to make a written
agreement on the specifications with us in advance. The design and specifications in this catalog are subject
to change without prior notice.
• Do not use the products beyond the specifications described in this catalog.
• This catalog explains the quality and performance of the products as individual components. Before use, check
and evaluate their operations when installed in your products.
• Install the following systems for a failsafe design to ensure safety if these products are to be used in equipment
where a defect in these products may cause the loss of human life or other significant damage, such as damage to
vehicles (automobile, train, vessel), traffic lights, medical equipment, aerospace equipment, electric heating
appliances, combustion/gas equipment, rotating equipment, and disaster/crime prevention equipment.
✽ Systems equipped with a protection circuit and a protection device
✽ Systems equipped with a redundant circuit or other system to prevent an unsafe status in the event of a single fault
<Package markings>
Package markings include the product number, quantity, and country of origin.
In principle, the country of origin should be indicated in English.
2 The wiring tab shall not be held by sharp-edged tool.
3 Iron shall not be put to the component itself.
4. Mounting side
1 External force must be less than 4.9N while mounting.
2 The wiring tab is expose the terminal, so please be careful when you design PWB pattern of coil circumference.
5. Cleaning
If you clean the inductor, please use own your ultrasonic cleaning to check specified conditions.
6. Storage conditions
Normal temperature (–5 to 35 °C), normal humidity (85 % RH max.), shall not be exposed to direct sunlight and
harmful gases and care should be taken so as not to cause dew.
Sep. 2010
00


Similar Part No. - ELT3KN042B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELT3KN042 PANASONIC-ELT3KN042 Datasheet
148Kb / 5P
   Fixed Inductors Voltage Step-up Coils
More results

Similar Description - ELT3KN042B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELT3KN004C PANASONIC-ELT3KN004C Datasheet
80Kb / 2P
   Voltage Step-up Coils
ELT-3KN118B PANASONIC-ELT-3KN118B Datasheet
148Kb / 5P
   Fixed Inductors Voltage Step-up Coils
ELT-5KN120C PANASONIC-ELT-5KN120C Datasheet
80Kb / 2P
   Fixed Inductors (Voltage Step-up Coils)
logo
TECH PUBLIC Electronics...
LM2577S-ADJ TECHPUBLIC-LM2577S-ADJ Datasheet
8Mb / 18P
   Step-Up Voltage Reaulator
logo
TOKO, Inc
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
logo
Seiko Instruments Inc
S-8430AF SII-S-8430AF Datasheet
1Mb / 23P
   STEP UP & DOWN VOLTAGE REGULATOR
logo
Texas Instruments
UC2577 TI-UC2577 Datasheet
179Kb / 8P
[Old version datasheet]   Simple Step-Up Voltage Regulator
logo
Linear Technology
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
logo
Texas Instruments
UC2577-ADJ TI1-UC2577-ADJ_12 Datasheet
703Kb / 14P
[Old version datasheet]   Simple Step-Up Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com