Electronic Components Datasheet Search |
|
EEETG1K330UP Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
EEETG1K330UP Datasheet(HTML) 2 Page - Panasonic Semiconductor |
2 / 3 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ TG – EEE-51 – ■ Standard Products W.V. Cap. (±20 %) Case size Specification Part No. (RoHS:compliant) Reflow Min. Packaging Q'ty Dia. Length ✽Size Code Ripple Current (100 kHz) (+125 °C) ESR (100 kHz) (+20 °C) tan δ (120 Hz) (+20 °C) Taping (V) (µF) (mm) (mm) (mA r.m.s.) ( )(pcs) 10 100 8 6.2 E 100 1.00 0.30 EEETG1A101P (2) 1000 220 86.2 (E) 100 1.00 0.30 EEETG1A221UP (2) 1000 810.2F 197 0.50 0.30 EEETG1A221P (2) 500 330 810.2 (F) 197 0.50 0.30 EEETG1A331UP (2) 500 10 10.2 G 270 0.30 0.30 EEETG1A331P (2) 500 470 10 10.2 (G) 270 0.300.30 EEETG1A471UP (2) 500 1000 12.5 13.5 H13 800 0.12 0.30 EEVTG1A102Q (3) 200 1500 12.5 13.5 (H13) 800 0.12 0.30 EEVTG1A152UQ (3) 200 2200 16 16.5 J16 1100 0.08 0.32 EEVTG1A222M (3) 125 3300 16 16.5 (J16) 1100 0.08 0.34 EEVTG1A332UM (3) 125 18 16.5 K16 1300 0.075 0.34 EEVTG1A332M (3) 125 4700 18 16.5 K16 1300 0.075 0.36 EEVTG1A472M (3) 125 16 100 8 10.2 F 197 0.50 0.23 EEETG1C101P (2) 500 220 810.2 (F) 197 0.50 0.23 EEETG1C221UP (2) 500 10 10.2 G 270 0.30 0.23 EEETG1C221P (2) 500 330 10 10.2 (G) 270 0.30 0.23 EEETG1C331UP (2) 500 12.5 13.5 H13 800 0.12 0.23 EEVTG1C331Q (3) 200 470 12.5 13.5 H13 800 0.12 0.23 EEVTG1C471Q (3) 200 680 12.5 13.5 H13 800 0.12 0.23 EEVTG1C681Q (3) 200 1000 12.5 13.5 (H13) 800 0.12 0.23 EEVTG1C102UQ (3) 200 16 16.5 J16 1100 0.08 0.23 EEVTG1C102M (3) 125 2200 16 16.5 (J16) 1100 0.08 0.25 EEVTG1C222UM (3) 125 18 16.5 K16 1300 0.075 0.25 EEVTG1C222M (3) 125 3300 18 16.5 K16 1300 0.075 0.27 EEVTG1C332M (3) 125 25 47 8 6.2 E 100 1.00 0.18 EEETG1E470P (2) 1000 100 86.2 (E) 100 1.00 0.18 EEETG1E101UP (2) 1000 810.2F 197 0.50 0.18 EEETG1E101P (2) 500 220 810.2 (F) 197 0.50 0.18 EEETG1E221UP (2) 500 10 10.2 G 270 0.30 0.18 EEETG1E221P (2) 500 330 10 10.2 (G) 270 0.30 0.18 EEETG1E331UP (2) 500 12.5 13.5 H13 800 0.12 0.18 EEVTG1E331Q (3) 200 470 12.5 13.5 H13 800 0.120.18 EEVTG1E471Q (3) 200 680 12.5 13.5 (H13) 800 0.12 0.18 EEVTG1E681UQ (3) 200 16 16.5 J16 1100 0.08 0.18 EEVTG1E681M (3) 125 1000 16 16.5 (J16) 1100 0.08 0.18 EEVTG1E102UM (3) 125 18 16.5 K16 1300 0.075 0.18 EEVTG1E102M (3) 125 2200 18 16.5 K16 1300 0.075 0.20 EEVTG1E222M (3) 125 35 33 8 6.2 E 100 1.00 0.16 EEETG1V330P (2) 1000 47 86.2 (E) 100 1.00 0.16 EEETG1V470UP (2) 1000 810.2F 197 0.50 0.16 EEETG1V470P (2) 500 100 810.2 (F) 197 0.50 0.16 EEETG1V101UP (2) 500 10 10.2 G 270 0.30 0.16 EEETG1V101P (2) 500 220 10 10.2 (G) 270 0.30 0.16 EEETG1V221UP (2) 500 330 12.5 13.5 H13 800 0.12 0.16 EEVTG1V331Q (3) 200 35 470 12.5 13.5 (H13) 800 0.12 0.16 EEVTG1V471UQ (3) 200 16 16.5 J16 1100 0.08 0.16 EEVTG1V471M (3) 125 680 16 16.5 (J16) 1100 0.08 0.16 EEVTG1V681UM (3) 125 18 16.5 K16 1300 0.075 0.16 EEVTG1V681M (3) 125 1000 18 16.5 K16 1300 0.075 0.16 EEVTG1V102M (3) 125 ✽Size code( ):Miniaturization product · Please refer to the page of “Reflow Profile” and “The Taping Dimensions”. · When requesting vibration-proof product, please put the last “V” instead to “P, Q, or M” Endurance : 125 °C 1000 h ( φ8 10.2 < : 2000 h) 00 Nov. 2012 |
Similar Part No. - EEETG1K330UP |
|
Similar Description - EEETG1K330UP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |