Electronic Components Datasheet Search |
|
EEFUE0D391XE Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
EEFUE0D391XE Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 3 page SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors) Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. – EEF-4 – Cap. Polarity bar (Positive) W.V. code Lot No. W1 L + - P P ■ Features ● Low ESR ● Excellent Noise-absorbent Characteristics ● RoHS directive compliant Surface Mount Type Series: FD, CD, CX, UD, UE ■ Specifications Series & Size Code FD CD CX UD UE Category Temp. Range –40 °C to +105 °C Rated W.V.Range 2 V.DC to 12.5 V.DC 2 V.DC to 16 V.DC 2 V.DC to 6.3 V.DC 2 V.DC to 8 V.DC 2 V.DC to 8 V.DC Nominal Cap.Range 15 µF to 68 µF 2.2 µF to 220 µF 100 µF to 560 µF 68 µF to 470 µF 100 µF to 560 µF Capacitance Tolerance ±20 % DC Leakage Current Reflow 240 °C : I < 0.06 CV (µA) 2minutes (2 V.DC to 4 V.DC) I < 0.04 CV or 3 (µA) 2 minutes (6.3 V.DC to 16 V.DC) (Whichever is greater) Reflow 260 °C : I < 0.1 CV (µA) 2 minutes tan δ < 0.06 (120 Hz/+20 °C) <0.10 (120 Hz/+20 °C) Surge VoltageRated Working Voltage 1.25 (15 °C to 35 °C) Endurance After applying rated working voltage for 1000 hours at 105 °C±2 °C, and then being stabilized at +20 °C, capacitor shall meet the following limits. Capacitance change ±10% of initial measured value tan δ < Initial specified value DC leakage current < Initial specified value Moisture resistance After storing for 500 hours at 60 °C, 90 % Capacitance change of initial measurd value 2, 2.5 V.DC 4 V.DC 6.3 V.DC 8 V.DC to 16 V.DC +70, –20 % +60, –20 % +50, –20 % +40, –20 % tan δ < 200 % of initial specified value DC leakage current < Initial specified value ■ Dimensions in mm(not to scale) ■ Marking Series & Size Code L±0.2 W1±0.2 W2±0.1 H P±0.3 FD 7.3 4.3 2.4 1.1±0.1 1.3 CD 7.3 4.3 2.4 1.8±0.1 1.3 CX 7.3 4.3 2.4 1.9±0.2 1.3 UD 7.3 4.3 2.4 2.8±0.2 1.3 UE 7.3 4.3 2.4 4.2±0.1 1.3 (Unit : mm) ✽ Externals of figure are the reference. 00 Nov. 2012 |
Similar Part No. - EEFUE0D391XE |
|
Similar Description - EEFUE0D391XE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |