Selected language     English  ▼


LA72914V Datasheet(PDF) 1 Page - ON Semiconductor

Part No. LA72914V
Description  FM Modulator and Demodulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 1 page
background image
D0110 SY 20101118-S00005/N0410 SY/O2710 SY 20101008-S00006 No.A1859-1/9
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
LA72914V
Overview
The LA72914V is a FM modulation and demodulation IC for audio signals. And it is possible to use that for the data
pulse or the control pulse, etc.
Functions
• Alignment-free FM modulator and demodulator of 4.5MHz.
• Alignment-free FM modulator and demodulator of 6.5MHz.
• ALC/ FMAGC, Emphasis/ De-emphasis
• Carrier frequency adjustment function, Standby switch
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Allowable power dissipation
Pd max
Ta
≤ 70°C *
300
mW
Operating temperature
Topr
-20 to +70
°C
Storage temperature
Tstg
-40 to +150
°C
When mounted on a 114.3mm
× 76.1mm × 1.6mm, glass epoxy.
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
Ta=25
°C
5.0
V
Allowable operating voltage range
VCC op
Ta = -20 to +70
°C
4.7 to 5.5
V
Monolithic Linear IC
FM Modulator and
Demodulator IC
Ordering number : ENA1859B
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl