Selected language     English  Ôľ╝


LA72914V Datasheet(PDF) 3 Page - ON Semiconductor

Part No. LA72914V
Description  FM Modulator and Demodulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 3 page
background image
LA72914V
No.A1859-3/9
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
THD1
Same condition VOUT1. Measure T9B signal.
0
0.3
1.0
%
THD
THD2
Same condition VOUT2. Measure T9B signal.
0
0.3
1.0
%
DEEM1
Input signal: CAR=4.5MHz, DEV=
┬▒25kHz, MOD=5kHz, Level:
100mVp-p. T5A input. T6=4.2V, M1=T9B signal level.
DEEM=20log(M1/VOUT1)
-10
-7.5
-5
dB
De-emphasis
characteristic
DEEM2
Input signal: CAR=6.5MHz, DEV=
┬▒25kHz, MOD=5kHz, Level:
100mVp-p. T5A input. T6=0.6V, M1=T9B signal level.
DEEM=20log(M2/VOUT2)
-10
-7.5
-5
dB
TRP1
T11=4.5V, T6=4.2V, T5A=4.5MHz, 100mVp-p. T12A=A1.
T5A=6.5MHz. 100mVp-p. T12A=B1. TRP1=20log(B1/A1)
-20
-15
dB
Trap-filter
characteristic
TRP2
T11=4.5V, T6=0.6V, T5A=4.5MHz, 100mVp-p. T12A=A1.
T5A=6.5MHz. 100mVp-p. T12A=B1. TRP2=20log(A1/B1)
-20
-15
dB
AGC1
T6=4.2V. T5A=4.5MHz, 300mVp-p. Measure T12 signal level.
250
350
450
mVp-p
AGC2
T6=0.6V. T5A=6.5MHz, 300mVp-p. Measure T12 signal level.
250
350
450
mVp-p
AGC3
T6=4.2V. T5A=4.5MHz, 30mVp-p. Measure T12 signal level.
200
300
400
mVp-p
FM AGC
characteristic
AGC4
T6=0.6V. T5A=6.5MHz, 30mVp-p. Measure T12 signal level.
200
300
400
mVp-p
AGCSTP1
T6=4.2V. T11=4.5V, T5A=4.5MHZ, 100mVp-p.
Measure T12 signal level.
70
100
140
mVp-p
FM AGC STOP
characteristic
AGCSTP2
T6=0.6V. T11=4.5V, T5A=6.5MHz, 100mVp-p.
Measure T12 signal level.
70
100
140
mVp-p
FMIN1
Input signal: CAR=4.5MHz, DEV=
┬▒25kHz, MOD=1kHz,
T6=4.2V. When T9B signal is OK, then measure T5A FM input
level range.
30
100
300
mVp-p
FM input sensitivity
FMIN2
Input signal: CAR=6.5MHz, DEV=
┬▒25kHz, MOD=1kHz,
T6=0.6V. When T9B signal is OK, then measure T5A FM input
level range.
30
100
300
mVp-p
Package Dimensions
unit: mm (typ)
3178B
SANYO : SSOP16(225mil)
5.2
0.22
0.65
(0.33)
18
9
16
0.15




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl