Electronic Components Datasheet Search |
|
FDA2-28080QBHK4F-L Datasheet(PDF) 1 Page - Qualtek Electronics Corporation |
|
FDA2-28080QBHK4F-L Datasheet(HTML) 1 Page - Qualtek Electronics Corporation |
|
1 / 1 page Motor: External Rotor Capacitor-Run Induction Motor Motor Protection: Thermal Protected Bearing Type: Two Ball Connection: Terminal Block Impeller Material: Steel Operating Temp: Two Ball: -20°C~70°C 280x280x80mm FDA2-28080 Series Features: Frame Material: Aluminum Alloy Volt. (VAC) Freq. (Hz) Current (A) Power (W) Rated Speed (rpm) Model No. FDA2-28080NBHK4F FDA2-28080QBHK4F 50/60 50/60 0.81/1.20 0.43/0.63 94.0/136.0 95.0/138.0 2650/2900 2650/2900 Maximum AirFlow 29.15/32.55 29.15/32.55 1030/1150 1030/1150 115 230 (CMM) (CFM) Maximum Static Pressure 0.925/0.807 0.925/0.807 23.5/20.5 23.5/20.5 (InAq) (mmAq) Noise Level (dB/A) 70.0/73.0 70.0/73.0 Weight (g) 3050 3050 ISO-9001 Company www.Qualtekusa.com AC AXIAL FAN Life Expectancy: Two Ball: 50,000 Hours Two Ball: 100,000 Hours (-L) Q ualtek Electronics Corporation Noise is measured at the distance of one (1) meter from the axis of intake. Fan-S Division 0 5 10 15 20 25 0 200 400 600 800 1000 1200 FLOWRATE (CFM) Fan Performance Curve H 0 5 10 15 20 25 0 200 400 600 800 1000 1200 1400 FLOWRATE (CFM) Fan Performance Curve H PE NL Rotation direction Air flow 80 ± 0.5 77 Ø320 Ø295 ± 0.3 Ø5.4 ± 0.2 (4X) Ø4.4 ± 0.2 (8X) 15° 20° Ø290 ± 0.3 # Indicates “-L” (100,000 Hours Life Expectancy) or Leave Blank (50,000 Hours Life Expectancy) # # |
Similar Part No. - FDA2-28080QBHK4F-L |
|
Similar Description - FDA2-28080QBHK4F-L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |