Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FKA2-17251QBMT3F Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # FKA2-17251QBMT3F
Description  172x150x51mm AC AXIAL FAN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

FKA2-17251QBMT3F Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  FKA2-17251QBMT3F Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Motor: Capacitor-Run Induction Motor
Motor Protection: Thermal Protected
Bearing Type: Two Ball
Connection: UL 1015 AWG 20, 300mm Wire Leads or Terminal
Impeller Material: Plastic UL94V-0
Operating Temp:
Two Ball: -10°C~70°C
172x150x51mm
FKA2-17251 Series
Features:
Frame Material: Aluminum Alloy
Volt.
(VAC)
Freq.
(Hz)
Current
(A)
Power
(W)
Rated
Speed
(rpm)
Model No.
FKA2-17251NBH 3F
FKA2-17251QBH 3F
FKA2-17251NBM 3F
FKA2-17251QBM 3F
50/60
50/60
50/60
50/60
0.25/0.24
0.11/0.13
0.15/0.19
0.08/0.10
27.60/26.50
23.00/27.60
16.10/20.70
16.10/20.70
2700/3100
2700/3100
2500/2500
2500/2500
Maximum
AirFlow
5.094/5.943
5.094/5.943
4.386/4.386
4.386/4.386
180/210
180/210
155/155
155/155
115
230
115
230
(CMM)
(CFM)
Maximum Static
Pressure
0.533/0.700
0.533/0.700
0.400/0.400
0.400/0.400
13.538/17.780
13.538/17.780
10.160/10.160
10.160/10.160
(InAq)
(mmAq)
Noise
Level
(dB/A)
63.0/65.0
63.0/65.0
56.6/56.6
56.6/56.6
Weight
(g)
1050
1050
1050
1050
ISO-9001 Company
www.qualtekusa.com
AC AXIAL FAN
Life Expectancy:
Two Ball: 50,000 Hours
**
** Indicates “W” (Wire Leads) or “T” (Terminal)
Qualtek
Electronics Corporation
**
Noise is measured at the distance of one (1) meter from the axis of intake.
**
**
Fan-S Division


Similar Part No. - FKA2-17251QBMT3F

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FKA2-17689 QUALTEK-FKA2-17689 Datasheet
1Mb / 1P
   176x176x89mm AC AXIAL FAN
FKA2-17689NBHT3F QUALTEK-FKA2-17689NBHT3F Datasheet
1Mb / 1P
   176x176x89mm AC AXIAL FAN
FKA2-17689NBHW3F QUALTEK-FKA2-17689NBHW3F Datasheet
1Mb / 1P
   176x176x89mm AC AXIAL FAN
FKA2-17689QBHT3F QUALTEK-FKA2-17689QBHT3F Datasheet
1Mb / 1P
   176x176x89mm AC AXIAL FAN
FKA2-17689QBHW3F QUALTEK-FKA2-17689QBHW3F Datasheet
1Mb / 1P
   176x176x89mm AC AXIAL FAN
More results

Similar Description - FKA2-17251QBMT3F

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FKA1-17251 QUALTEK-FKA1-17251 Datasheet
1Mb / 1P
   172x150x51mm AC AXIAL FAN
FDA2-17251 QUALTEK-FDA2-17251 Datasheet
531Kb / 1P
   172x150x51mm AC AXIAL FAN
FDD1-17251 QUALTEK-FDD1-17251 Datasheet
648Kb / 1P
   172x150x51mm DC AXIAL FAN
logo
ORION FANS
OA172SAPXC ORIONFANS-OA172SAPXC Datasheet
98Kb / 1P
   AC Fan - 115V, 230V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
logo
Qualtek Electronics Cor...
FAA1-08025 QUALTEK-FAA1-08025 Datasheet
1Mb / 1P
   80x80x25mm AC AXIAL FAN
logo
ebm-papst
3500 EBMPAPST-3500 Datasheet
290Kb / 4P
   AC axial compact fan
3656 EBMPAPST-3656 Datasheet
290Kb / 4P
   AC axial compact fan
4650Z EBMPAPST-4650Z Datasheet
286Kb / 4P
   AC axial compact fan
4656N EBMPAPST-4656N Datasheet
296Kb / 4P
   AC axial compact fan
4656TZ EBMPAPST-4656TZ Datasheet
208Kb / 3P
   AC axial compact fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com