Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34931 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC34931
Description  34931 Industrial
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34931 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC34931 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34931
PIN CONNECTIONS
29
IN2
Logic Input
Input 2
Logic input control of OUT2;e.g., when IN2 is logic HIGH, OUT2 is set to
VPWR, and when IN2 is logic LOW, OUT2 is set to PGND. (Schmitt trigger
Input with ~80
μA source so default condition = OUT2 HIGH.)
31
IN1
Logic Input
Input 1
Logic input control of OUT1; e.g., when IN1 is logic HIGH, OUT1 is set to
VPWR, and when IN1 is logic LOW, OUT1 is set to PGND. (Schmitt trigger
Input with ~80
μA source so default condition = OUT1 HIGH.)
32
SF
Logic
Output -
Open Drain
Status Flag
(Active Low)
Open drain active LOW Status Flag output (requires an external pull-up
resistor to VDD. Maximum permissible load current < 0.5 mA. Maximum
VSFLOW < 0.4 V @ 0.3 mA. Maximum permissible pull-up voltage < 7.0 V.)
1
AGND
Analog
Ground
Analog Signal
Ground
The low-current analog signal ground must be connected to PGND via low-
impedance path (<10 m
Ω, 0 Hz to 20 kHz).
4, 6, 9, 12-14,
19-21, 24, 27,
30
N/C
None
No Connect
Pin is not used
EP
EP
Thermal
Pad
Exposed Pad
Exposed TAB is also the main heatsinking path for the device and must be
connected to GND.
Table 1. 34931 Pin Definitions (continued)
Pin
Number
Pin
Name
Pin
Function
Formal Name
Definition


Similar Part No. - MC34931

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC34931EK NXP-MC34931EK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
MC34931SEK NXP-MC34931SEK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
More results

Similar Description - MC34931

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST09 PST-PST09 Datasheet
251Kb / 4P
   Industrial
logo
General Electric Compan...
9440 GEC-9440 Datasheet
232Kb / 1P
   INDUSTRIAL
logo
Cherry Semiconductor Co...
G81-7040LUVEU-0 CHERRY-G81-7040LUVEU-0 Datasheet
154Kb / 2P
   INDUSTRIAL
logo
Power System Technology
FAB0402001 PST-FAB0402001 Datasheet
219Kb / 3P
   Industrial
logo
Red Lion Controls. Inc
VT-UIPM-431-H REDLION-VT-UIPM-431-H Datasheet
492Kb / 2P
   Industrial RTU
logo
Power System Technology
FAB9810012-16 PST-FAB9810012-16 Datasheet
216Kb / 3P
   Industrial / Medical
PST06 PST-PST06 Datasheet
285Kb / 4P
   Industrial / Transportation
PST20 PST-PST20 Datasheet
221Kb / 3P
   Industrial applications
logo
Analog Devices
HMC1040LP3CE AD-HMC1040LP3CE Datasheet
583Kb / 6P
   Industrial Sensors
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com