Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLC-050S110D Datasheet(PDF) 2 Page - Qualtek Electronics Corporation

Part # PLC-050S110D
Description  50Watts Single Output LED Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

PLC-050S110D Datasheet(HTML) 2 Page - Qualtek Electronics Corporation

  PLC-050S110D Datasheet HTML 1Page - Qualtek Electronics Corporation PLC-050S110D Datasheet HTML 2Page - Qualtek Electronics Corporation PLC-050S110D Datasheet HTML 3Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
50Watts Single Output LED Driver
PLC-050 D Series
Qualtek
Electronics Corporation
P
P C
ISO-9001 Company
www.qualtekusa.com
Page 2 of 3
DIMMING CONTROL
The dimmer control may be operated from an input signal of 1 – 10 Vdc.
Implementation: DC Input
Io/Ir Vs Vdim
0%
20%
40%
60%
80%
100%
0
1
2
3
4
5
6
7
8
9
10
11
Vdim(V)
Notes:
1. Io is actual output current and Ir is rated current.
2. If the dimming function is not used, please short 10 V output pin (Black) and 1-10 V input pin(Red).
The output current is about 92% Ir when the 1-10V input pin is oating.
3. For the driver to operate properly, the load voltage must be maintained above the minimum voltage threshold
(approx. 33% of the max. output voltage for any given model).
4. The dimming voltage can be tuned down to less than 1V, and the output current will be decreased to about
10% Ir; but the connected LEDs may icker. Keeping dimming voltage greater than 1V is strongly recommended.
5. Do not connect the GND of dimming to the output; otherwise, the LED driver will not work normally.
PLC-050SXXXD
1-10V
V
DIM+ (RED)
DIM- (BLACK)
1-10Vdc
GND
Black
White
Yellow/Green
AC/L
AC/N
AC/G
LED LAMP
Vout (-)
Vout (+)


Similar Part No. - PLC-050S110D

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
PLC-050S110 QUALTEK-PLC-050S110 Datasheet
1Mb / 2P
   50Watts Single Output LED Driver
More results

Similar Description - PLC-050S110D

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
PLC-050 QUALTEK-PLC-050 Datasheet
1Mb / 2P
   50Watts Single Output LED Driver
PLV-050 QUALTEK-PLV-050 Datasheet
1Mb / 2P
   50Watts Single Output LED Driver
QPD-50 QUALTEK-QPD-50 Datasheet
5Mb / 2P
   50Watts Single Output
PLC-040D QUALTEK-PLC-040D Datasheet
1Mb / 3P
   40Watts Single Output LED Driver
PLC-035D QUALTEK-PLC-035D Datasheet
1Mb / 3P
   35Watts Single Output LED Driver
PLC-025 QUALTEK-PLC-025 Datasheet
1Mb / 2P
   25Watts Single Output LED Driver
PLC-150 QUALTEK-PLC-150 Datasheet
1Mb / 2P
   150Watts Single Output LED Driver
PLC-025D QUALTEK-PLC-025D Datasheet
1Mb / 3P
   25Watts Single Output LED Driver
PLC-035 QUALTEK-PLC-035 Datasheet
1Mb / 2P
   35Watts Single Output LED Driver
PLC-100 QUALTEK-PLC-100 Datasheet
1Mb / 2P
   100Watts Single Output LED Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com