Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKE02Z64VLC2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MKE02Z64VLC2
Description  Operating characteristics : Flash write voltage range: 2.7 to 5.5 V
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKE02Z64VLC2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MKE02Z64VLC2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MKE02Z64VLC2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MKE02Z64VLC2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MKE02Z64VLC2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MKE02Z64VLC2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MKE02Z64VLC2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MKE02Z64VLC2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MKE02Z64VLC2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MKE02Z64VLC2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
MKE02P64M20SF0
KE02 Sub-Family
Supports the following:
MKE02Z16VLC2(R),
MKE02Z32VLC2(R),
MKE02Z64VLC2(R),
MKE02Z16VLD2(R),
MKE02Z32VLD2(R),
MKE02Z64VLD2(R),
MKE02Z32VLH2(R),
MKE02Z64VLH2(R),
MKE02Z32VQH2(R), and
MKE02Z64VQH2(R)
Key features
• Operating characteristics
– Voltage range: 2.7 to 5.5 V
– Flash write voltage range: 2.7 to 5.5 V
– Temperature range (ambient): -40 to 105°C
• Performance
– Up to 20 MHz ARM® Cortex-M0+ core
– Single cycle 32-bit x 32-bit multiplier
– Single cycle I/O access port
• Memories and memory interfaces
– Up to 64 KB flash
– Up to 256 B EEPROM
– Up to 4 KB RAM
• Clocks
– Oscillator (OSC) - loop-controlled Pierce
oscillator, crystal or ceramic resonator range of
31.25 kHz to 39.0625 kHz or 4 MHz to 20 MHz
– Internal clock source (ICS) - internal FLL with
internal or external reference, precision
trimming of internal reference allowing 1%
deviation across temperature range of 0 °C to
70 °C and 1.5% deviation across temperature
range of -40 °C to 105 °C, up to 20 MHz
– Internal 1 kHz low-power oscillator (LPO)
• System peripherals
– Power management module (PMC) with three
power modes: Run, Wait, Stop
– Low-voltage detection (LVD) with reset or
interrupt, selectable trip points
– Watchdog with independent clock source
(WDOG)
– Programmable cyclic redundancy check module
(CRC)
– Serial wire debug interface (SWD)
– Bit manipulation engine (BME)
• Security and integrity modules
– 64-bit unique identification (ID) number per chip
• Human-machine interface
– Up to 57 general-purpose input/output (GPIO)
– Two 8-bit keyboard interrupt modules (KBI)
– Interrupt (IRQ)
• Analog modules
– One 16-channel 12-bit SAR ADC, operation in
Stop mode, optional hardware trigger (ADC)
– Two analog comparators containing a 6-bit
DAC and programmable reference input
(ACMP)
• Timers
– One 6-channel FlexTimer/PWM (FTM)
– Two 2-channel FlexTimer/PWM (FTM)
– One 2-channel periodic interrupt timer (PIT)
– One real-time clock (RTC)
Freescale Semiconductor
Document Number MKE02P64M20SF0
Data Sheet: Technical Data
Rev 3, 07/2013
Freescale reserves the right to change the detail specifications as may be
required to permit improvements in the design of its products.
© 2013 Freescale Semiconductor, Inc.


Similar Part No. - MKE02Z64VLC2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKE02Z64VLC2 NXP-MKE02Z64VLC2 Datasheet
845Kb / 38P
   Power management module (PMC) with three power modes: Run, Wait, Stop
Rev. 7, 12/2019
MKE02Z64VLC2R NXP-MKE02Z64VLC2R Datasheet
845Kb / 38P
   Power management module (PMC) with three power modes: Run, Wait, Stop
Rev. 7, 12/2019
More results

Similar Description - MKE02Z64VLC2

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
HS1538S EHAOAN-HS1538S Datasheet
1Mb / 8P
   Operating voltage: 2.7-5.5 v
HS1838T-B-C EHAOAN-HS1838T-B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 V -5.5 V
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Freescale Semiconductor...
KL26P121M48SF4 FREESCALE-KL26P121M48SF4 Datasheet
1Mb / 60P
   Operating Characteristics Voltage range: 1.71 to 3.6 V
logo
Cypress Semiconductor
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
logo
Texas Instruments
SN74AHCT1G02DBVR TI-SN74AHCT1G02DBVR Datasheet
867Kb / 13P
[Old version datasheet]   Operating Range of 4.5 V to 5.5 V, Inputs Are TTL-Voltage Compatible
logo
EHAOAN.
HS1838B-C EHAOAN-HS1838B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 v -5.5v
HS1538B-C EHAOAN-HS1538B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 v -5.5v
logo
Infineon Technologies A...
6EDL7141 INFINEON-6EDL7141 Datasheet
8Mb / 132P
   5.5 V to 60 V operating supply voltage (recommended operating condition)
Revision 1.00 2021-06-02
logo
EHAOAN.
HS1538B-D EHAOAN-HS1538B-D Datasheet
1Mb / 8P
   Operating voltage: 2.2 v -5.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com