Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKE02Z64VQH2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MKE02Z64VQH2
Description  Operating characteristics : Flash write voltage range: 2.7 to 5.5 V
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKE02Z64VQH2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MKE02Z64VQH2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MKE02Z64VQH2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MKE02Z64VQH2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MKE02Z64VQH2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MKE02Z64VQH2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MKE02Z64VQH2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MKE02Z64VQH2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MKE02Z64VQH2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MKE02Z64VQH2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
This device contains circuitry protecting against damage due to high static voltage or
electrical fields; however, it is advised that normal precautions be taken to avoid
application of any voltages higher than maximum-rated voltages to this high-impedance
circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate
logic voltage level (for instance, either VSS or VDD) or the programmable pullup resistor
associated with the pin is enabled.
Table 2. Voltage and current operating ratings
Symbol
Description
Min.
Max.
Unit
VDD
Supply voltage
–0.3
6.0
V
IDD
Maximum current into VDD
120
mA
VDIO
Digital input voltage (except RESET, EXTAL, and XTAL)
–0.3
VDD + 0.3
V
VAIO
Analog1, RESET, EXTAL, and XTAL input voltage
–0.3
VDD + 0.3
V
ID
Instantaneous maximum current single pin limit (applies to all
port pins)
–25
25
mA
VDDA
Analog supply voltage
VDD – 0.3
VDD + 0.3
V
1. Analog pins are defined as pins that do not have an associated general-purpose I/O port function.
General
Nonswitching electrical specifications
5.1.1 DC characteristics
This section includes information about power supply requirements and I/O pin
characteristics.
Table 3. DC characteristics
Symbol
C
Descriptions
Min
Typical1
Max
Unit
Operating voltage
2.7
5.5
V
VOH
P
Output high
voltage
All I/O pins, standard-
drive strength
5 V, Iload = –
5 mA
VDD – 0.8
V
C
3 V, Iload = –
2.5 mA
VDD – 0.8
V
P
High current drive
pins, high-drive
strength
5 V, Iload = –
20 mA
VDD – 0.8
V
C
3 V, Iload = –
10 mA
VDD – 0.8
V
Table continues on the next page...
5
5.1
General
KE02 Sub-Family Data Sheet, Rev3, 07/2013.
Freescale Semiconductor, Inc.
7


Similar Part No. - MKE02Z64VQH2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKE02Z64VQH2 NXP-MKE02Z64VQH2 Datasheet
845Kb / 38P
   Power management module (PMC) with three power modes: Run, Wait, Stop
Rev. 7, 12/2019
MKE02Z64VQH2R NXP-MKE02Z64VQH2R Datasheet
845Kb / 38P
   Power management module (PMC) with three power modes: Run, Wait, Stop
Rev. 7, 12/2019
More results

Similar Description - MKE02Z64VQH2

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
HS1538S EHAOAN-HS1538S Datasheet
1Mb / 8P
   Operating voltage: 2.7-5.5 v
HS1838T-B-C EHAOAN-HS1838T-B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 V -5.5 V
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Freescale Semiconductor...
KL26P121M48SF4 FREESCALE-KL26P121M48SF4 Datasheet
1Mb / 60P
   Operating Characteristics Voltage range: 1.71 to 3.6 V
logo
Cypress Semiconductor
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
logo
Texas Instruments
SN74AHCT1G02DBVR TI-SN74AHCT1G02DBVR Datasheet
867Kb / 13P
[Old version datasheet]   Operating Range of 4.5 V to 5.5 V, Inputs Are TTL-Voltage Compatible
logo
EHAOAN.
HS1838B-C EHAOAN-HS1838B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 v -5.5v
HS1538B-C EHAOAN-HS1538B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 v -5.5v
logo
Infineon Technologies A...
6EDL7141 INFINEON-6EDL7141 Datasheet
8Mb / 132P
   5.5 V to 60 V operating supply voltage (recommended operating condition)
Revision 1.00 2021-06-02
logo
EHAOAN.
HS1538B-D EHAOAN-HS1538B-D Datasheet
1Mb / 8P
   Operating voltage: 2.2 v -5.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com