Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD4201DC Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD4201DC
Description  CMOS LOW VOLTAGE, LOW CHARGE INJECTION QUAD SPST ANALOG SWITCHES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4201DC Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD4201DC Datasheet HTML 1Page - Advanced Linear Devices ALD4201DC Datasheet HTML 2Page - Advanced Linear Devices ALD4201DC Datasheet HTML 3Page - Advanced Linear Devices ALD4201DC Datasheet HTML 4Page - Advanced Linear Devices ALD4201DC Datasheet HTML 5Page - Advanced Linear Devices ALD4201DC Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ALD4201/ALD4202M
Advanced Linear Devices
2
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V+ referenced to V-
-0.3V to +13.2V
GND
-0.3V to +13.2V
Terminal voltage range (any terminal) Note 1
(V- -0.3)V to (V+ +0.3)V
Power dissipation
600 mW
Operating temperature range PC, SC package
0
°C to +70°C
DC package
-55
°C to +125°C
Storage temperature range
-65
°C to +150°C
Lead temperature, 10 seconds
+260
°C
DC current (any terminal)
10mA
Analog Signal Range
VA
-5.0
5.0
-5.0
5.0
V
On - Resistance
RON
90
135
90
135
VA = 0V IA = 1mA
120
180
0
°C to +70°C
140
210
-55
°C to +125°C
Change of On-Resistance
∆RON
16
16
%
from -VS to +VS
Change of On-Resistance
∆RON/∆T
0.43
0.43
%/
°C
with Temperature
RON Match
2
2
%
Between Switches
Source Off
IS(OFF)
50
100
50
100
pA
VS = +/-4.0V, VD = -/+4.0V
Leakage Current
500
pA
0
°C to +70°C
4000
pA
-55
°C to +125°C
Drain Off
ID(OFF)
50
100
50
100
pA
VD = +/-4.0V, VS = -/+4.0V
Leakage Current
500
pA
0
°C to +70°C
4000
pA
-55
°C to +125°C
Channel On
ID(ON)
50
100
50
100
pA
Leakage Current
500
pA
0
°C to +70°C
4000
pA
-55
°C to +125°C
Input High Voltage
VIH
4.0
4.0
Logic "1"
Input Low Voltage
VIL
0.8
0.8
V
Logic "0"
Input High or
IIH
Input Low Current
IIL
10
10
nA
±1.5 ≤ VSUPPLY ≤ ±5.0V
Supply Current
ISUPPLY
0.01
1
0.01
1
µA
DC ELECTRICAL CHARACTERISTICS
TA = 25°C V+ = +5.0V, V- = -5.0V GND = 0.0V unless otherwise specified
4201/4202M (PC,SC)
4201/4202M (DC)
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Supply
VSUPPLY
±1.5
±6.0
±1.5
±6.0
V
Dual Supply
Voltage
3.0
12.0
3.0
12.0
V
Single Supply
POWER SUPPLY RANGE
4201/4202M (PC,SC)
4201/4202M (DC)
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit


Similar Part No. - ALD4201DC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4211 ALD-ALD4211 Datasheet
60Kb / 8P
   CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
ALD4211 ALD-ALD4211 Datasheet
48Kb / 8P
   CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
ALD4211DC ALD-ALD4211DC Datasheet
60Kb / 8P
   CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
ALD4211DC ALD-ALD4211DC Datasheet
48Kb / 8P
   CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
ALD4211PC ALD-ALD4211PC Datasheet
60Kb / 8P
   CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
More results

Similar Description - ALD4201DC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC203 LINER-LTC203_15 Datasheet
208Kb / 16P
   Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC201A LINER-LTC201A Datasheet
820Kb / 11P
   Micropower, Low Charge Injection,Quad CMOS Analog Switches
LTC201A LINER-LTC201A_15 Datasheet
208Kb / 16P
   Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC201A LINER-LTC201A_02 Datasheet
195Kb / 16P
   Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC202 LINER-LTC202_15 Datasheet
208Kb / 16P
   Micropower, Low Charge Injection, Quad CMOS Analog Switches
logo
Vishay Siliconix
DG2501 VISHAY-DG2501 Datasheet
165Kb / 9P
   Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
Rev. A, 19-May-14
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
   Low Charge Injection and Leakage, Quad SPST Switches
Rev. A, 07-Mar-16
DG2501 VISHAY-DG2501_V01 Datasheet
201Kb / 10P
   200 ?? Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com