Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QGKF-320 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # QGKF-320
Description  320Watts Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QGKF-320 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  QGKF-320 Datasheet HTML 1Page - Qualtek Electronics Corporation QGKF-320 Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC input/ Full range
Built-in active PFC function, PF>0.95
High Efficiency, and High Reliability
Output Protections: OLP/OPP/SCP
All using 105°C long life electrolytic capacitors.
100% full load burn-in test
QGKF-320-5
QGKF-320-12
QGKF-320-24
QGKF-320-48
320Watts Single Output
QGKF-320 Series
Qualtek
Electronics Corporation
P
P C
Page 1 of 2
Output Characteristics
Input Characteristics
Protection
Environmental Characteristics
General Characteristics
Model
DC Output
Rated Current
Current Range (Note 1)
Ripple and Noise (Note 2)
Voltage ADJ. Range
Voltage Accuracy
Line Regulation
Load Regulation
Set-up Time
Hold-up Time
Temperature Coefficient
Overshoot and Undershoot
Voltage Range
Frequency Range
Power Factor (Typical)
Efficiency (Typical)
AC Current (max)
Inrush Current (Typical)
Leakage Current
Over Load (OLP)
Over Power (OPP)
Short Circuit (SCP)
Operating Amb. Temp. & Hum
Storage Temp. & Hum
Vibration
Safety Standards
Withstand Voltage
Isolation Resistance
EMI Conduction & Radiation
Harmonic Current
EMS Immunity
MTBF (MIL-HDBK-217F)
Dimension (LxWxH)
Packing
Cooling Method
Note
CB
Features:
5V
55A
0~55A
<150mV
-5% ~ +10% of rated output voltage
±1.0%
±0.5%
±1.0%
<2.0s (230VAC input, full load)
>10ms (230VAC input, full load)
±0.03%/°C
<5.0%
12V
25A
0~25A
<150mV
24V
13A
0~13A
<200mV
48V
6.7A
0~6.7A
<200mV
85VAC~264VAC, 120VDC~370VDC
47Hz-63Hz
PF>0.98/115VAC PF>0.95/230VAC
79%
<4.5A
<30A@115VAC Cold start <50A@230VAC Cold start
Input-Output: <0.25mA Input-PG: <1.0mA
84.5%
87%
87.5%
105%~150% of rated output current, hiccup mode, auto recovery
105%~150% of rated output power, hiccup mode, auto recovery
Long-term mode, auto recovery
-25°C~70°C; 20%~90% RH Non-Condensing
-40°C~85°C: 10%-95% RH Non-Condensing
10 ~500Hz, 2G 10min/1cycle, period for 60min. Each along X, Y, Z axes
UL60950-1 2nd Ed; IEC 60950-1:2005(2nd Ed); EN60950-1: 2006
Primary-Secondary: 3.0KVAC;≤10mA. Primary-PG: 1.5KVAC;≤10mA. Secondary-PG: 0.5KVDC;≤10mA
≥100M ohms
Compliance to EN55022, EN55024 Class B
Compliance to EN61000-3-2, -3
Compliance to EN61000-4-2, 3, 4, 5, 6, 8, 11; EN55024, EN61000-6-2 heavy industry level
More than 200,000Hrs (25°C, Full load)
199x99x50mm
12PCS/CTN. G.W: 9.8kgs
Cooling by forced air (built-in DC fan)
Withstand 300VAC Surge Input for 5 Sec
Operating Altitude up to 5000m
Wide operating ambient temperature (-25°C~70°C)
Conformal Coating on both sides of PCB
1. All parameters NOT specially mentioned are measured at rated input, rated load, and 25°C of ambient temperature
2. Measured at 20MHz of bandwith by using a 12” Twisted pair wire terminated with a 0.1uF & 47uF parallel capacitor
3. The SPS is considered a component which will be installed into final equipment. The equipment must be re-confirmed that it still meets EMC directives.


Similar Part No. - QGKF-320

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QGKF-100 QUALTEK-QGKF-100 Datasheet
244Kb / 2P
   100Watts Single Output
QGKF-100-12 QUALTEK-QGKF-100-12 Datasheet
244Kb / 2P
   100Watts Single Output
QGKF-100-24 QUALTEK-QGKF-100-24 Datasheet
244Kb / 2P
   100Watts Single Output
QGKF-100-48 QUALTEK-QGKF-100-48 Datasheet
244Kb / 2P
   100Watts Single Output
QGKF-100-5 QUALTEK-QGKF-100-5 Datasheet
244Kb / 2P
   100Watts Single Output
More results

Similar Description - QGKF-320

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPDF-320 QUALTEK-QPDF-320 Datasheet
624Kb / 2P
   320Watts Single Output
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
   Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com