Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLC-200S833 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # PLC-200S833
Description  200Watts Single Output LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

PLC-200S833 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  PLC-200S833 Datasheet HTML 1Page - Qualtek Electronics Corporation PLC-200S833 Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC input/ Full Range
Built-in Active PFC function, PF 0.99 Typical
High Efficiency (Up to 92%)
Output Protections: OVP/SCP/OTP
PLC-200S140 PLC-200S175 PLC-200S210 PLC-200S245 PLC-200S280
200Watts Single Output LED Driver
PLC-200 Series
Qualtek
Electronics Corporation
P
P C
Page 1 of 2
Output Characteristics
Input Characteristics
Protection
Environmental Characteristics
Characteristics
Model
Rated Current
Voltage Range
Ripple and Noise (max) Note 1
Voltage Accuracy
Line Regulation
Load Regulation
Rise Time
Hold-up Time (Typ.)
Voltage Range
Frequency Range
Power Factor
(Typical)
Efficiency (Typical)
AC Current (max)
Inrush Current (max)
Leakage Current
Over Temperature (OTP)
Over Voltage (OVP)
Note 2
Short Circuit (SCP)
Operating Temperature
Operating Relative Humidity
Storage Temperature
Vibration
Waterproof Rating
Safety Standards
Withstand Voltage
Isolation Resistance
EMC Emission
EMC Immunity
Life Time
MTBF (MIL-HDBK-217F)
Dimension (LxWxH)
Note
Features:
0.70A
171~285V
±10% Vo
±5% Vo
±1% Vo
±3% Vo
20mS Max @ Rated Load
8.5mS Min (110VAC input, full load), 10mS Min (220VAC input, full load)
1.75A
68~114V
2.10A
57~95V
2.45A
48~81V
2.80A
42~71V
90VAC~305VAC
47Hz-63Hz
>0.99
>0.95
92%
1.0A @ 100-277VAC Input Full Load
75A @ 230VAC, 25°C
1.0mA max @ 277VAC
>0.99
>0.95
92%
>0.99
>0.95
91%
>0.99
>0.95
91%
>0.99
>0.95
91%
110°C (Temperature of internal components); shut down, auto recover after the temperature decreases
1.2~1.4Vo
Long-term mode, auto recovery
-35°C~70°C
10% RH to 100% RH
-40°C~85°C, 5% to 100% RH non-condensing
10 to 300Hz sweep at constant acceleration of 1.0G(Breadth: 3.5mm) for 1 Hour for each of the perpendicular axes X, Y, Z
IP67
UL8750, Compliance to UL1012 UL935, IEC61347
L/N-GND: 4kV, L-N: 2kV
I/P-O/P: >100M Ohms / 500VDC / 25°C / 70% RH
Compliance to EN55022(CISPR22) Class B, EN61000-3-2 Class A, EN61000-3-3
Compliance to EN61000-3-2, 3 EN61000-4-2, 3, 4, 5, 6, 8, 11, EN61547
More than 50,000Hrs (25°C, 80% Load)
More than 320,000Hrs (25°C, 80% Load)
266.4x79.5x46mm
1. Ripple & Noise: Measured by 20 MHz bandwidth oscilloscope and the output paralleled with a 0.1 uF ceramic capacitor and a 10 uF electrolytic capacitor.
2. Latch Mode: The power supply shall return to normal operation only after the power is turned on again
Lightning Protection
PLC-200S315
3.15A
38~63V
>0.99
>0.95
91%
1.40A
85~142V
>0.99
>0.95
92%
PLC-200S070
Waterproof (IP67)
PLC-200S105
1.05A
114~190V
>0.99
>0.95
92%
Constant Current Design
5 Year Warranty
110VAC
220VAC
PLC-200S350
3.50A
34~57V
>0.99
>0.95
91%
PLC-200S420
4.20A
28~47V
>0.99
>0.95
91%
PLC-200S490
4.90A
24~40V
>0.99
>0.95
91%
PLC-200S560
5.60A
21~35V
>0.99
>0.95
91%
PLC-200S630
6.30A
19~32V
>0.99
>0.95
91%
PLC-200S833
8.33A
14~24V
>0.99
>0.95
90%


Similar Part No. - PLC-200S833

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLC-2206 ETC2-PLC-2206 Datasheet
104Kb / 1P
   VHF Lowband Yagis - Superior Construction Means System Reliability
PLC-2206 ETC2-PLC-2206 Datasheet
104Kb / 1P
   VHF Lowband Yagis - Superior Construction Means System Reliability
PLC-2209 ETC2-PLC-2209 Datasheet
104Kb / 1P
   VHF Lowband Yagis - Superior Construction Means System Reliability
PLC-2209 ETC2-PLC-2209 Datasheet
104Kb / 1P
   VHF Lowband Yagis - Superior Construction Means System Reliability
logo
PHOENIX CONTACT
PLC-24UC PHOENIX-PLC-24UC Datasheet
248Kb / 4P
   PLC INTERFACE With Switch and Integrated Power Contact Relay
More results

Similar Description - PLC-200S833

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
PLV-200 QUALTEK-PLV-200 Datasheet
1Mb / 2P
   200Watts Single Output LED Driver
QGKF-200 QUALTEK-QGKF-200 Datasheet
1Mb / 2P
   200Watts Single Output
QPDF-200 QUALTEK-QPDF-200 Datasheet
7Mb / 2P
   200Watts Single Output
QPSF-200 QUALTEK-QPSF-200 Datasheet
273Kb / 2P
   200Watts Single Output
PLC-040D QUALTEK-PLC-040D Datasheet
1Mb / 3P
   40Watts Single Output LED Driver
PLC-035D QUALTEK-PLC-035D Datasheet
1Mb / 3P
   35Watts Single Output LED Driver
PLC-050 QUALTEK-PLC-050 Datasheet
1Mb / 2P
   50Watts Single Output LED Driver
PLC-025 QUALTEK-PLC-025 Datasheet
1Mb / 2P
   25Watts Single Output LED Driver
PLC-150 QUALTEK-PLC-150 Datasheet
1Mb / 2P
   150Watts Single Output LED Driver
PLC-025D QUALTEK-PLC-025D Datasheet
1Mb / 3P
   25Watts Single Output LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com