Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD-15-3.3 Datasheet(PDF) 2 Page - Qualtek Electronics Corporation

Part # QPD-15-3.3
Description  15Watts Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QPD-15-3.3 Datasheet(HTML) 2 Page - Qualtek Electronics Corporation

  QPD-15-3.3 Datasheet HTML 1Page - Qualtek Electronics Corporation QPD-15-3.3 Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15Watts Single Output
QPD-15 Series
Qualtek
Electronics Corporation
P
P C
ISO-9001 Company
www.qualtekusa.com
Page 2 of 2
MECHANICAL SPECIFICATIONS
UNIT: mm
Pin No.
Assignment
1
AC-L
2
AC-N
3
F.G
4
DC output -V
5
DC output +V
2-M3
2-M3
DERATING CURVE
L


Similar Part No. - QPD-15-3.3

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPD-150 QUALTEK-QPD-150 Datasheet
583Kb / 2P
   150Watts Single Output
QPD-150-12 QUALTEK-QPD-150-12 Datasheet
583Kb / 2P
   150Watts Single Output
QPD-150-15 QUALTEK-QPD-150-15 Datasheet
583Kb / 2P
   150Watts Single Output
QPD-150-24 QUALTEK-QPD-150-24 Datasheet
583Kb / 2P
   150Watts Single Output
QPD-150-48 QUALTEK-QPD-150-48 Datasheet
583Kb / 2P
   150Watts Single Output
More results

Similar Description - QPD-15-3.3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMA-1201YZ ETC1-WMA-1201YZ Datasheet
74Kb / 3P
   10-15Watts Single Output Wallmount adapter WMA series
DDA-001 ETC2-DDA-001 Datasheet
47Kb / 2P
   15Watts 5.0V Output External Adapter
Sep 19, 2003.
logo
HITRON ELECTRONICS CORP...
HDM15-S HITRON-HDM15-S Datasheet
238Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15WATTS SINGLE & DUAL OUTPUT
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com