Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKE02Z32VQH2R Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MKE02Z32VQH2R
Description  Operating characteristics : Flash write voltage range: 2.7 to 5.5 V
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKE02Z32VQH2R Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MKE02Z32VQH2R Datasheet HTML 7Page - Freescale Semiconductor, Inc MKE02Z32VQH2R Datasheet HTML 8Page - Freescale Semiconductor, Inc MKE02Z32VQH2R Datasheet HTML 9Page - Freescale Semiconductor, Inc MKE02Z32VQH2R Datasheet HTML 10Page - Freescale Semiconductor, Inc MKE02Z32VQH2R Datasheet HTML 11Page - Freescale Semiconductor, Inc MKE02Z32VQH2R Datasheet HTML 12Page - Freescale Semiconductor, Inc MKE02Z32VQH2R Datasheet HTML 13Page - Freescale Semiconductor, Inc MKE02Z32VQH2R Datasheet HTML 14Page - Freescale Semiconductor, Inc MKE02Z32VQH2R Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Typical IOH Vs. VDD-VOH (high drive strength) (VDD = 5 V)
IOH(mA)
VDD-VOH(V)
Figure 3. Typical IOH Vs. VDD-VOH (high drive strength) (VDD = 5 V)
Typical IOH Vs. VDD-VOH (high drive strength) (VDD = 3 V)
IOH(mA)
VDD-VOH(V)
Figure 4. Typical IOH Vs. VDD-VOH (high drive strength) (VDD = 3 V)
Nonswitching electrical specifications
KE02 Sub-Family Data Sheet, Rev3, 07/2013.
Freescale Semiconductor, Inc.
11


Similar Part No. - MKE02Z32VQH2R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKE02Z32VQH2R NXP-MKE02Z32VQH2R Datasheet
845Kb / 38P
   Power management module (PMC) with three power modes: Run, Wait, Stop
Rev. 7, 12/2019
More results

Similar Description - MKE02Z32VQH2R

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
HS1538S EHAOAN-HS1538S Datasheet
1Mb / 8P
   Operating voltage: 2.7-5.5 v
HS1838T-B-C EHAOAN-HS1838T-B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 V -5.5 V
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Freescale Semiconductor...
KL26P121M48SF4 FREESCALE-KL26P121M48SF4 Datasheet
1Mb / 60P
   Operating Characteristics Voltage range: 1.71 to 3.6 V
logo
Cypress Semiconductor
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
logo
Texas Instruments
SN74AHCT1G02DBVR TI-SN74AHCT1G02DBVR Datasheet
867Kb / 13P
[Old version datasheet]   Operating Range of 4.5 V to 5.5 V, Inputs Are TTL-Voltage Compatible
logo
EHAOAN.
HS1838B-C EHAOAN-HS1838B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 v -5.5v
HS1538B-C EHAOAN-HS1538B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 v -5.5v
logo
Infineon Technologies A...
6EDL7141 INFINEON-6EDL7141 Datasheet
8Mb / 132P
   5.5 V to 60 V operating supply voltage (recommended operating condition)
Revision 1.00 2021-06-02
logo
EHAOAN.
HS1538B-D EHAOAN-HS1538B-D Datasheet
1Mb / 8P
   Operating voltage: 2.2 v -5.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com