Electronic Components Datasheet Search |
|
QPD-35-5 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation |
|
QPD-35-5 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation |
1 / 2 page Universal AC input/ Full range Wide Operating Ambient Temperature (-25°C~70°C) High Efficiency, and High Reliability Output Protections: OLP/OVP/SCP All using 105°C long life electrolytic capacitors. 100% full load burn-in test QPD-35-5 QPD-35-12 QPD-35-15 QPD-35-24 QPD-35-48 35Watts Single Output QPD-35 Series Qualtek Electronics Corporation P P C Page 1 of 2 Output Characteristics Input Characteristics Protection Environmental Characteristics General Characteristics Model DC Output Rated Current Current Range Ripple and Noise Voltage ADJ. Range Voltage Accuracy Line Regulation Load Regulation Set-up Time Hold-up Time Temperature Coefficient Overshoot and Undershoot Voltage Range Frequency Range Efficiency (Typical) AC Current (max) Inrush Current (Typical) Leakage Current 115VAC Input 230VAC Input Over Load (OLP) Over Voltage (OVP) Short Circuit (SCP) Operating Amb. Temp. & Hum Storage Temp. & Hum Safety Standards Withstand Voltage Isolation Resistance EMI Conduction & Radiation Harmonic Current EMS Immunity MTBF (MIL-HDBK-217F) Dimension (LxWxH) Packing Cooling Method CB Features: 5V 6A 0~6A 50mV 80mV 4.75V~5.5V ±3.0% ±0.5% ±1.0% <1.0s (230VAC input, full load) >10ms (115VAC input, full load); >20ms (230VAC input, full load) ±0.03%/°C <5.0% 12V 3A 0~3A 80mV 180mV 11.4V~13.2V ±3.0% ±0.5% ±1.0% 15V 2.4A 0~2.4A 120mV 200mV 14.3V~16.5V ±3.0% ±0.5% ±1.0% 24V 1.5A 0~1.5A 120mV 200mV 22.8V~26.4V ±3.0% ±0.5% ±1.0% 48V 0.76A 0~0.76A 180mV 240mV 45.6V~52.8V ±3.0% ±0.5% ±1.0% 90VAC~264VAC, 127VDC~370VDC 47Hz-63Hz 79% 80% <1.0A <50A@230VAC Cold start Input-Output: <3.5mA Input-PG: <0.25mA 83% 84% 85% 86% 86% 87% 87% 88% 105%~150% of rated output current, constant power, auto recovery 105%~150% of rated output voltage, constant voltage Long-term mode, auto recovery -25°C~70°C; 20%~90% RH Non-Condensing -40°C~85°C; 10%-95% RH Non-Condensing UL60950-1; EN60950-1: 2006 Primary-Secondary: 3.0KVAC;≤10mA. Primary-PG: 1.5KVAC;≤10mA. Secondary-PG: 0.5KVDC;≤10mA ≥100M ohms Compliance to EN55022(CISPR22) Class B Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2, 3, 4, 5, 6, 8, 11; ENV50204, light industry level, criteria A More than 200,000Hrs (25°C, Full load) 101.6x63.5x33mm 60PCS/CTN. G.W: 15.08kgs Cooling by free air convection 0~70°C -25~0°C Withstand 300VA Surge Input for 5 Sec No Load Power Consumption <0.5W Operating Altitude up to 5000M PCB soldering side with conformal coating |
Similar Part No. - QPD-35-5 |
|
Similar Description - QPD-35-5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |