Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11620T-TLM-E Datasheet(PDF) 4 Page - ON Semiconductor

Part # LB11620T-TLM-E
Description  Brushless Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11620T-TLM-E Datasheet(HTML) 4 Page - ON Semiconductor

  LB11620T-TLM-E Datasheet HTML 1Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 2Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 3Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 4Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 5Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 6Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 7Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 8Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LB11620T
No.A0662-4/11
Package Dimensions
unit : mm (typ)
3260A
Pin Assignment
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
LB11620T
IN1+
IN2-
IN2+
IN1-
UL
UH
VL
VH
WL
WH
RF
GND
PWM
IN3+
IN3-
RD
CSD
PWMIN
F/R
HP
N1
EI+
VREG
VCC
• Three-Phase Logic Truth Table (IN = “H” indicates the state where IN+ > IN-)
F/R = “L”
F/R=“H”
Output
IN1
IN2
IN3
IN1
IN2
IN3
PWM
1
H
L
H
L
H
L
VH
UL
2
H
L
L
L
H
H
WH
UL
3
H
H
L
L
L
H
WH
VL
4
L
H
L
H
L
H
UH
VL
5
L
H
H
H
L
L
UH
WL
6
L
L
H
H
H
L
VH
WL
• PWMIN pin
Input state
State
High or open
Output off
Low
Output on
If the PWM pin is not used, the input must be held at the low level.
• N1 pin
Input state
HP output
High or open
Three Hall sensor synthesized output
Low
Single Hall sensor output
SANYO : TSSOP24(225mil)
0.5
(0.5)
6.5
0.15
1
12
24
13
0.22
0
0.8
0.32
0.4
1.2
– 20
80
100
60
20
40
0120
Ambient temperature, Ta – °C
Pd max – Ta
Specified circuit board : 114.3
×76.1×1.6mm3
glass epoxy board
Mounted on a circuit board


Similar Part No. - LB11620T-TLM-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
More results

Similar Description - LB11620T-TLM-E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8261 PANASONIC-AN8261 Datasheet
48Kb / 4P
   Brushless Motor Driver
logo
ON Semiconductor
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11620T SANYO-LB11620T_08 Datasheet
153Kb / 13P
   Brushless Motor Driver
LB1672NM SANYO-LB1672NM Datasheet
97Kb / 4P
   Brushless-Sensorless Motor Driver
LB1674V SANYO-LB1674V Datasheet
240Kb / 6P
   Brushless, Sensorless Motor Driver
logo
List of Unclassifed Man...
MOT-BL-DRV-120 ETC-MOT-BL-DRV-120 Datasheet
303Kb / 1P
   Brushless Motor Driver 120W
logo
Sanyo Semicon Device
LB1674M SANYO-LB1674M Datasheet
111Kb / 6P
   Brushless, Sensorless Motor Driver?
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
Sanyo Semicon Device
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
   VCR Capstan Motor Brushless Motor Driver
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
   brushless DC Motor Driver/Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com