Electronic Components Datasheet Search |
|
QPD-75 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation |
|
QPD-75 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation |
1 / 2 page QPD-75-5 QPD-75-12 QPD-75-15 QPD-75-24 QPD-75-48 75Watts Single Output QPD-75 Series Qualtek Electronics Corporation P P C Page 1 of 2 Output Characteristics Input Characteristics Protection Environmental Characteristics General Characteristics Model DC Output Rated Current Current Range Ripple and Noise (-25~70°C) Voltage ADJ. Range Voltage Accuracy Line Regulation Load Regulation Set-up Time Hold-up Time Temperature Coefficient Overshoot and Undershoot Voltage Range Frequency Range Efficiency (Typical) AC Current (max) Inrush Current (Typical) Leakage Current 115VAC Input 230VAC Input Over Load (OLP) Over Voltage (OVP) Short Circuit (SCP) Operating Amb. Temp. & Hum Storage Temp. & Hum Safety Standards Withstand Voltage Isolation Resistance EMI Conduction & Radiation Harmonic Current EMS Immunity MTBF (MIL-HDBK-217F) Dimension (LxWxH) Packing Cooling Method CB 5V 12A 0~12A 80mV ±10% of rated output voltage ±3.0% ±0.5% ±2.0% <2.0s (115VAC input, full load); <1.5s (230VAC input, full load) >20ms (115VAC input, full load); >50ms (230VAC input, full load) ±0.03%/°C <5.0% 12V 6A 0~6A 120mV ±3.0% ±0.5% ±2.0% 15V 5A 0~5A 150mV ±3.0% ±0.5% ±2.0% 24V 3.2A 0~3.2A 200mV ±3.0% ±0.5% ±2.0% 48V 1.62A 0~1.62A 200mV ±3.0% ±0.5% ±2.0% 90VAC~264VAC, 127VDC~370VDC 47Hz-63Hz 79% 80% <2.5A <20A@115VAC Cold start <40A@230VAC Cold start Input-Output: <0.25mA Input-PG: <0.75mA 84% 85% 85% 86% 86% 87% 88% 89% 105%~150% of rated output current, constant power, auto recovery 105%~150% of rated output voltage, constant voltage Long-term mode, auto recovery -25°C~70°C; 20%~90% RH Non-Condensing -40°C~85°C; 10%-95% RH Non-Condensing UL60950-1; EN60950-1: 2006 Primary-Secondary: 3.0KVAC;≤10mA. Primary-PG: 1.5KVAC;≤10mA. Secondary-PG: 0.5KVDC;≤10mA ≥100M ohms Compliance to EN55022(CISPR22) Class B Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2, 3, 4, 5, 6, 8, 11; ENV50204, light industry level, criteria A More than 100,000Hrs (25°C, Full load) 129x98x38mm 30PCS/CTN. G.W: 14.2kgs Cooling by free air convection Universal AC input/ Full range Wide Operating Ambient Temperature (-25°C~70°C) High Efficiency, and High Reliability Output Protections: OLP/OVP/SCP All using 105°C long life electrolytic capacitors. 100% full load burn-in test Features: Withstand 300VA Surge Input for 5 Sec No Load Power Consumption <0.5W Operating Altitude up to 5000M PCB soldering side with conformal coating |
Similar Part No. - QPD-75 |
|
Similar Description - QPD-75 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |