Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11685AV Datasheet(PDF) 6 Page - ON Semiconductor

Part # LB11685AV
Description  3-phase sensor less Motor driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11685AV Datasheet(HTML) 6 Page - ON Semiconductor

  LB11685AV Datasheet HTML 1Page - ON Semiconductor LB11685AV Datasheet HTML 2Page - ON Semiconductor LB11685AV Datasheet HTML 3Page - ON Semiconductor LB11685AV Datasheet HTML 4Page - ON Semiconductor LB11685AV Datasheet HTML 5Page - ON Semiconductor LB11685AV Datasheet HTML 6Page - ON Semiconductor LB11685AV Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LB11685AV
No.A1772-6/7
Continue from the former page.
Pin No.
Pin name
Function
Equivalent circuit
13
14
C1
C2
Soft switching adjustment pin.
The triangular wave from is form formed by connecting a
capacitor with this pin.
And, the switching of three-phase output is adjusted by
the slope.
15
FC2
Frequency characteristic correction pin 2.
To suppress the oscillation of control system closed loop
of sink-side, connect a capacitor between this pin and
GND.
16
FC1
Frequency characteristic correction pin 1.
To suppress the oscillation of control system closed loop
of source-side, connect a capacitor between this pin and
GND.
17
VOH
Three-phase output high level output pin.
To stabilize the output voltage of this pin, connect a
capacitor between this pin and the VCC pin.
18
VREG
DC voltage (3.3V) output pin.
Connect a capacitor between this pin and GND for
stabilization.
19
VCC
Pin to supply power-supply voltage.
To curb the influence of ripple and noise. The voltage
should be stabilized.
Pin No.13
14
VCC
SGND
SGND
Pin No.15
VCC
SGND
SGND
VREG
Pin No.16
VCC
SGND
SGND
Pin No.17
VCC
SGND
SGND
VCC
Pin No.18
VCC
SGND
SGND
VCC


Similar Part No. - LB11685AV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11685AV SANYO-LB11685AV Datasheet
182Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
logo
ON Semiconductor
LB11685AV ONSEMI-LB11685AV Datasheet
120Kb / 9P
   Monolithic Digital IC 3?릔hase Sensor Less Motor Driver
January, 2018 ??Rev. 1
LB11685AV-TLM-H ONSEMI-LB11685AV-TLM-H Datasheet
120Kb / 9P
   Monolithic Digital IC 3?릔hase Sensor Less Motor Driver
January, 2018 ??Rev. 1
LB11685AV-W-AH ONSEMI-LB11685AV-W-AH Datasheet
120Kb / 9P
   Monolithic Digital IC 3?릔hase Sensor Less Motor Driver
January, 2018 ??Rev. 1
More results

Similar Description - LB11685AV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11685VH ONSEMI-LB11685VH Datasheet
115Kb / 7P
   3-phase sensor less Motor driver
May, 2013
logo
Sanyo Semicon Device
LV8806GQ SANYO-LV8806GQ Datasheet
242Kb / 6P
   3-phase sensor-less Motor Driver IC
logo
List of Unclassifed Man...
AM2355N ETC1-AM2355N Datasheet
358Kb / 11P
   3-phase Sensor-less Fan Motor Driver
OCT. 2013 V1.2
logo
ON Semiconductor
LV8806QA ONSEMI-LV8806QA Datasheet
338Kb / 8P
   3-phase sensor-less Motor Driver IC
April, 2013
logo
AMtek SEMICONDUCTORS CO...
AM8919 AMTEK-AM8919 Datasheet
336Kb / 12P
   3-phase Sensor-less Fan Motor Driver
Jul. 2014 V1.11
AM2355N AMTEK-AM2355N Datasheet
358Kb / 11P
   3-phase Sensor-less Fan Motor Driver
OCT. 2013 V1.2
logo
Princeton Technology Co...
PT2432 PTC-PT2432 Datasheet
539Kb / 6P
   3-Phase Sensor-less BLDC Motor Driver
logo
Sanyo Semicon Device
LB11685AV SANYO-LB11685AV Datasheet
182Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
LB11685VH SANYO-LB11685VH Datasheet
184Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
logo
Anpec Electronics Corop...
APX9365D ANPEC-APX9365D Datasheet
611Kb / 14P
   Three-Phase Sensor-Less Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com