Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD-75-15 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # QPD-75-15
Description  75Watts Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QPD-75-15 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  QPD-75-15 Datasheet HTML 1Page - Qualtek Electronics Corporation QPD-75-15 Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QPD-75-5
QPD-75-12
QPD-75-15
QPD-75-24
QPD-75-48
75Watts Single Output
QPD-75 Series
Qualtek
Electronics Corporation
P
P C
Page 1 of 2
Output Characteristics
Input Characteristics
Protection
Environmental Characteristics
General Characteristics
Model
DC Output
Rated Current
Current Range
Ripple and Noise (-25~70°C)
Voltage ADJ. Range
Voltage Accuracy
Line Regulation
Load Regulation
Set-up Time
Hold-up Time
Temperature Coefficient
Overshoot and Undershoot
Voltage Range
Frequency Range
Efficiency
(Typical)
AC Current (max)
Inrush Current (Typical)
Leakage Current
115VAC Input
230VAC Input
Over Load (OLP)
Over Voltage (OVP)
Short Circuit (SCP)
Operating Amb. Temp. & Hum
Storage Temp. & Hum
Safety Standards
Withstand Voltage
Isolation Resistance
EMI Conduction & Radiation
Harmonic Current
EMS Immunity
MTBF (MIL-HDBK-217F)
Dimension (LxWxH)
Packing
Cooling Method
CB
5V
12A
0~12A
80mV
±10% of rated output voltage
±3.0%
±0.5%
±2.0%
<2.0s (115VAC input, full load); <1.5s (230VAC input, full load)
>20ms (115VAC input, full load); >50ms (230VAC input, full load)
±0.03%/°C
<5.0%
12V
6A
0~6A
120mV
±3.0%
±0.5%
±2.0%
15V
5A
0~5A
150mV
±3.0%
±0.5%
±2.0%
24V
3.2A
0~3.2A
200mV
±3.0%
±0.5%
±2.0%
48V
1.62A
0~1.62A
200mV
±3.0%
±0.5%
±2.0%
90VAC~264VAC, 127VDC~370VDC
47Hz-63Hz
79%
80%
<2.5A
<20A@115VAC Cold start <40A@230VAC Cold start
Input-Output: <0.25mA Input-PG: <0.75mA
84%
85%
85%
86%
86%
87%
88%
89%
105%~150% of rated output current, constant power, auto recovery
105%~150% of rated output voltage, constant voltage
Long-term mode, auto recovery
-25°C~70°C; 20%~90% RH Non-Condensing
-40°C~85°C; 10%-95% RH Non-Condensing
UL60950-1; EN60950-1: 2006
Primary-Secondary: 3.0KVAC;≤10mA. Primary-PG: 1.5KVAC;≤10mA. Secondary-PG: 0.5KVDC;≤10mA
≥100M ohms
Compliance to EN55022(CISPR22) Class B
Compliance to EN61000-3-2,-3
Compliance to EN61000-4-2, 3, 4, 5, 6, 8, 11; ENV50204, light industry level, criteria A
More than 100,000Hrs (25°C, Full load)
129x98x38mm
30PCS/CTN. G.W: 14.2kgs
Cooling by free air convection
Universal AC input/ Full range
Wide Operating Ambient Temperature (-25°C~70°C)
High Efficiency, and High Reliability
Output Protections: OLP/OVP/SCP
All using 105°C long life electrolytic capacitors.
100% full load burn-in test
Features:
Withstand 300VA Surge Input for 5 Sec
No Load Power Consumption <0.5W
Operating Altitude up to 5000M
PCB soldering side with conformal coating


Similar Part No. - QPD-75-15

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPD-100 QUALTEK-QPD-100 Datasheet
2Mb / 2P
   100Watts Single Output
QPD-100-12 QUALTEK-QPD-100-12 Datasheet
2Mb / 2P
   100Watts Single Output
QPD-100-15 QUALTEK-QPD-100-15 Datasheet
2Mb / 2P
   100Watts Single Output
QPD-100-24 QUALTEK-QPD-100-24 Datasheet
2Mb / 2P
   100Watts Single Output
QPD-100-48 QUALTEK-QPD-100-48 Datasheet
2Mb / 2P
   100Watts Single Output
More results

Similar Description - QPD-75-15

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QDG-75 QUALTEK-QDG-75 Datasheet
427Kb / 3P
   75Watts Single Output
PLC-075 QUALTEK-PLC-075 Datasheet
1Mb / 2P
   75Watts Single Output LED Driver
PLV-075 QUALTEK-PLV-075 Datasheet
1Mb / 2P
   75Watts Single Output LED Driver
logo
Advanced Semiconductor
HVV1011-075L ASI-HVV1011-075L Datasheet
1Mb / 2P
   75Watts, 50v, 1200-1400MHz
logo
Vicor Corporation
V300C3V3C75B VICOR-V300C3V3C75B Datasheet
142Kb / 8P
   300Vin / 3.3Vout / 75Watts DC-DC Converter Module
V48C3V3C75B VICOR-V48C3V3C75B Datasheet
173Kb / 8P
   48Vin / 3.3Vout / 75Watts DC-DC Converter Module
V48C5C75B VICOR-V48C5C75B Datasheet
173Kb / 8P
   48Vin / 5Vout / 75Watts DC-DC Converter Module
V375C3V3C75B VICOR-V375C3V3C75B Datasheet
142Kb / 8P
   375Vin / 3.3Vout / 75Watts DC-DC Converter Module
logo
Astec America, Inc
APA18T12 ASTEC-APA18T12 Datasheet
322Kb / 17P
   12Vin, 75Watts, Non-isolated DC - DC POL SIP Converter
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com