Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD-100-5 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # QPD-100-5
Description  100Watts Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QPD-100-5 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  QPD-100-5 Datasheet HTML 1Page - Qualtek Electronics Corporation QPD-100-5 Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC input/ Full range
Wide Operating Ambient Temperature (-20°C~70°C)
High Efficiency, and High Reliability
Output Protections: OLP/OVP/SCP
All using 105°C long life electrolytic capacitors.
100% full load burn-in test
QPD-100-5
QPD-100-12
QPD-100-15
QPD-100-24
QPD-100-48
100Watts Single Output
QPD-100 Series
Qualtek
Electronics Corporation
P
P C
Page 1 of 2
Output Characteristics
Input Characteristics
Protection
Environmental Characteristics
General Characteristics
Model
DC Output
Rated Current
Current Range
Ripple and
Noise
Voltage ADJ. Range
Voltage Accuracy
Line Regulation
Load Regulation
Set-up Time
Hold-up Time
Temperature Coefficient
Overshoot and Undershoot
Voltage Range
Frequency Range
Efficiency
(Typical)
AC Current (max)
Inrush Current (Typical)
Leakage Current
Over Load (OLP)
Over Voltage (OVP)
Short Circuit (SCP)
Operating Amb. Temp. & Hum
Storage Temp. & Hum
Safety Standards
Withstand Voltage
Isolation Resistance
EMI Conduction & Radiation
Harmonic Current
EMS Immunity
MTBF (MIL-HDBK-217F)
Dimension (LxWxH)
Packing
Cooling Method
Features:
5V
16A
0~16A
<80mV
<100mV
4.7V-5.6V
±2.0%
±0.5%
±1.0%
<2.0s (115VAC input, full load); <1.0s (230VAC input, full load)
>10ms (115VAC input, full load); >20ms (230VAC input, full load)
±0.03%/°C
<5.0%
12V
8.5A
0~8.5A
<100mV
<120mV
11.0V-13.0V
±1.0%
±0.5%
±1.0%
15V
7A
0~7A
<100mV
<120mV
13.7V-16.3V
±1.0%
±0.5%
±1.0%
24V
4.5A
0~4.5A
<120mV
<120mV
22.4V-27.3V
±1.0%
±0.5%
±1.0%
48V
2.3A
0~2.3A
<200mV
<200mV
44.4V-52.2V
±1.0%
±0.5%
±1.0%
90VAC~264VAC, 127VDC~370VDC
47Hz-63Hz
80%
80%
<2.5A
20A@115VAC Cold start 40A@230VAC Cold start
<0.4mA@115VAC <0.75mA@230VAC
80%
81%
83%
84%
85%
85%
83%
84%
105%~150% of rated output current, hiccup mode, auto recovery
110%~150% of rated output voltage, shut down, re-power on to recover
Long-term mode, auto recovery
-20°C~70°C; 20%~90% RH Non-Condensing
-40°C~85°C: 10%-95% RH Non-Condensing
UL60950-1; EN60950-1: 2006
Primary-Secondary: 3.0KVAC;≤10mA. Primary-PG: 1.5KVAC;≤10mA. Secondary-PG: 0.5KVDC;≤10mA
≥100M ohms
Compliance to EN55022(CISPR22) Class B
Compliance to EN61000-3-2, 3
Compliance to EN61000-4-2, 3, 4, 5, 6, 8, 11; ENV50204, light industry level, criteria A
More than 200,000Hrs (25°C, Full load)
160x98x38mm
20PCS/CTN. G.W: 13.6kgs
Cooling by free air convection
0~70°C
-20~0°C
115VAC Input
230VAC Input
Rev.B


Similar Part No. - QPD-100-5

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPD-15 QUALTEK-QPD-15 Datasheet
2Mb / 2P
   15Watts Single Output
QPD-15-12 QUALTEK-QPD-15-12 Datasheet
2Mb / 2P
   15Watts Single Output
QPD-15-15 QUALTEK-QPD-15-15 Datasheet
2Mb / 2P
   15Watts Single Output
QPD-15-24 QUALTEK-QPD-15-24 Datasheet
2Mb / 2P
   15Watts Single Output
QPD-15-3.3 QUALTEK-QPD-15-3.3 Datasheet
2Mb / 2P
   15Watts Single Output
More results

Similar Description - QPD-100-5

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QGKF-100 QUALTEK-QGKF-100 Datasheet
244Kb / 2P
   100Watts Single Output
QPDF-100 QUALTEK-QPDF-100 Datasheet
3Mb / 2P
   100Watts Single Output
PLC-100 QUALTEK-PLC-100 Datasheet
1Mb / 2P
   100Watts Single Output LED Driver
PLV-100 QUALTEK-PLV-100 Datasheet
1Mb / 2P
   100Watts Single Output LED Driver
logo
XP Power Limited
AEB36 XPPOWER-AEB36 Datasheet
640Kb / 4P
   36-100Watts AEBSeries
logo
Astec America, Inc
ALD12A48N-6SL ASTEC-ALD12A48N-6SL Datasheet
503Kb / 2P
   100Watts, Ultra High Efficiency
logo
Vicor Corporation
V300B2C100A VICOR-V300B2C100A Datasheet
179Kb / 8P
   300Vin / 2Vout / 100Watts DC-DC Converter Module
V24C28C100A VICOR-V24C28C100A Datasheet
526Kb / 8P
   24Vin / 28Vout / 100Watts DC-DC Converter Module
V375C5C100A VICOR-V375C5C100A Datasheet
172Kb / 8P
   375Vin / 5Vout / 100Watts DC-DC Converter Module
V300C5C100B VICOR-V300C5C100B Datasheet
142Kb / 8P
   300Vin / 5Vout / 100Watts DC-DC Converter Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com