Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPDD10-48S3V3 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # QPDD10-48S3V3
Description  10Watts DC-DC Single Output
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QPDD10-48S3V3 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  QPDD10-48S3V3 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Approved to IEC/EN60950, UL60950 Safety Standards
Wide Input Voltage: 36VDC - 75VDC
Trim Function; Remote Control
No Minimum Load Requirement
QPDD10-48S3V3
QPDD10-48S05
QPDD10-48S12
10Watts DC-DC Single Output
QPDD10-48S Series
Qualtek
Electronics Corporation
P
P C
Page 1 of 1
Output Characteristics
Input Characteristics
Protection
Environmental Characteristics
General Characteristics
Model
DC Output
Rated Current
Current Range
Efficiency (Typical)
Ripple and Noise (max)
Voltage Adjust.
Voltage Accuracy
Line Regulation (max)
Load Regulation (max)
Temperature Coefficient
Voltage Range
Normal Voltage
Over Current
Short Circuit
Operating Amb. Temp.
Operating Case Temp.
Storage Temp.
Safety Standards
Isolation Voltage (one minute)
MTBF
Dimension (LxWxH)
Features:
3.3V
3A
0~3A
77%
100mVpp
90% to 110% Vout
±1.0%
0.2%
0.5%
±0.02%/°C
5V
2A
0~2A
81%
12V
0.83A
0~0.83A
83%
36VDC~75VDC
48VDC
Continuous, auto recovery (3.3V, 5V)
>120% output current, auto recovery (3.3V, 5V)
-40°C~55°C
-40°C~100°C
-55°C~125°C
IEC/EN60950, UL60950
Input-Output: 1500VDC. Input-Case: 1500VDC. Output-Case: 1500VDC
More than 2,000,000Hrs
50.8x25.4x10.16mm (2”x1”x0.4”)
Single Outputs: 3.3VDC, 5VDC, 12VDC, 15VDC
Remote Control
Control
Voltage
Control
Current
Postive Logic
Negative Logic
Positive Logic
Negative Logic
HIGH=ON (3.5VDC to 10VDC); LOW=OFF (-0.7VDC to 0.8VDC)
LOW=ON (-0.7VDC to 0.8VDC); HIGH=OFF (3.5VDC to 10VDC)
2mA max.
4mA max.
Pin No.
1
2
3
4
5
6
Output
+Vin
-Vin
CNT
+Vout
TRIM
COM
Pin Length: 3.8mm
Pin Assignment
TOLERANCES: X.Xmm = ±0.5mm
X.XXmm = ±0.25mm
Unit: mm[inch]
QPDD10-48S15
15V
0.67A
0~0.67A
84%
0.5 [0.020]
1
2
3
4
5
6
50.8 [2.000]
20.32 [0.800]
6- 1.0 -0.10
+0.05
1.2 [0.047]
36 [1.417]


Similar Part No. - QPDD10-48S3V3

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
More results

Similar Description - QPDD10-48S3V3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com