Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPDF-100-12 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # QPDF-100-12
Description  100Watts Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QPDF-100-12 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  QPDF-100-12 Datasheet HTML 1Page - Qualtek Electronics Corporation QPDF-100-12 Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC input/ Full range
Built-in active PFC function, PF>0.95
High Efficiency, and High Reliability
Output Protections: OLP/OVP/SCP
All using 105°C long life electrolytic capacitors.
100% full load burn-in test
QPDF-100-5 QPDF-100-12 QPDF-100-15 QPDF-100-24
QPDF-100-48
100Watts Single Output
QPDF-100 Series
Qualtek
Electronics Corporation
P
P C
Page 1 of 2
Output Characteristics
Input Characteristics
Protection
Environmental Characteristics
General Characteristics
Model
DC Output
Rated Current
Current Range
Ripple and
Noise
Voltage ADJ. Range
Voltage Accuracy
Line Regulation
Load Regulation
Set-up Time
Hold-up Time
Temperature Coefficient
Overshoot and Undershoot
Voltage Range
Frequency Range
Power Factor (Typical)
Efficiency
(Typical)
AC Current (max)
Inrush Current (Typical)
Leakage Current
115VAC Input
230VAC Input
Over Load (OLP)
Over Voltage (OVP)
Short Circuit (SCP)
Operating Amb. Temp. & Hum
Storage Temp. & Hum
Safety Standards
Withstand Voltage
Isolation Resistance
EMI Conduction & Radiation
Harmonic Current
EMS Immunity
MTBF (MIL-HDBK-217F)
Dimension (LxWxH)
Packing
Cooling Method
CB
Features:
5V
20A
0~20A
<50mV
<100mV
4.5V~5.5V
±2.0%
±0.5%
±1.0%
<4.0s (115VAC input, full load); <2.0s (230VAC input, full load)
>10ms (115VAC input, full load); >20ms (230VAC input, full load)
±0.03%/°C
<5.0%
12V
8.5A
0~8.5A
<100mV
<100mV
10.6V~13.6V
±2.0%
±0.5%
±1.0%
15V
6.7A
0~6.7A
<100mV
<100mV
13.5V~17.0V
±2.0%
±0.5%
±1.0%
24V
4.2A
0~4.2A
<100mV
<100mV
21.8V~27.4V
±1.0%
±0.5%
±1.0%
48V
2.10A
0~2.10A
<100mV
<100mV
44V~52V
±1.0%
±0.5%
±1.0%
90VAC~264VAC, 127VDC~370VDC
47Hz-63Hz
PF>0.98/115VAC PF>0.95/230VAC
78%
80%
<1.7A
30A@115VAC Cold start,
50A@230VAC Cold start
Input-Output: <0.25mA Input-PG: <3.5mA
84%
86%
84%
86%
84%
86%
86%
87%
105%~150% of rated output current, hiccup mode, auto recovery
110%~150% of rated output voltage, shut down, re-power on to recover
Long-term mode, auto recovery
-10°C~60°C; 20%~90% RH Non-Condensing
-20°C~85°C: 10%-95% RH Non-Condensing
UL60950-1; EN60950-1: 2006
Primary-Secondary: 3.0KVAC;≤10mA. Primary-PG: 1.5KVAC;≤10mA. Secondary-PG: 0.5KVDC;≤10mA
≥100M ohms
Compliance to EN55022(CISPR22) Class B
Compliance to EN61000-3-2, 17625.1-2003
Compliance to EN61000-4-2, 3, 4, 5, 6, 8, 11; ENV50204, light industry level, criteria A
More than 200,000Hrs (25°C, Full load)
194x99x50mm
10PCS/CTN. G.W: 8.1kgs
Cooling by free air convection
0~60°C
-10~0°C
QPDF-100-36
36V
2.75A
0~2.75A
<100mV
<100mV
32.6V~39.9V
±1.0%
±0.5%
±1.0%
84%
86%
Rev. B


Similar Part No. - QPDF-100-12

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPDF-150 QUALTEK-QPDF-150 Datasheet
594Kb / 2P
   150Watts Single Output
QPDF-150-12 QUALTEK-QPDF-150-12 Datasheet
594Kb / 2P
   150Watts Single Output
QPDF-150-15 QUALTEK-QPDF-150-15 Datasheet
594Kb / 2P
   150Watts Single Output
QPDF-150-24 QUALTEK-QPDF-150-24 Datasheet
594Kb / 2P
   150Watts Single Output
QPDF-150-36 QUALTEK-QPDF-150-36 Datasheet
594Kb / 2P
   150Watts Single Output
More results

Similar Description - QPDF-100-12

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPD-100 QUALTEK-QPD-100 Datasheet
2Mb / 2P
   100Watts Single Output
QGKF-100 QUALTEK-QGKF-100 Datasheet
244Kb / 2P
   100Watts Single Output
PLC-100 QUALTEK-PLC-100 Datasheet
1Mb / 2P
   100Watts Single Output LED Driver
PLV-100 QUALTEK-PLV-100 Datasheet
1Mb / 2P
   100Watts Single Output LED Driver
logo
XP Power Limited
AEB36 XPPOWER-AEB36 Datasheet
640Kb / 4P
   36-100Watts AEBSeries
logo
Astec America, Inc
ALD12A48N-6SL ASTEC-ALD12A48N-6SL Datasheet
503Kb / 2P
   100Watts, Ultra High Efficiency
logo
Vicor Corporation
V300B2C100A VICOR-V300B2C100A Datasheet
179Kb / 8P
   300Vin / 2Vout / 100Watts DC-DC Converter Module
V24C28C100A VICOR-V24C28C100A Datasheet
526Kb / 8P
   24Vin / 28Vout / 100Watts DC-DC Converter Module
V375C5C100A VICOR-V375C5C100A Datasheet
172Kb / 8P
   375Vin / 5Vout / 100Watts DC-DC Converter Module
V300C5C100B VICOR-V300C5C100B Datasheet
142Kb / 8P
   300Vin / 5Vout / 100Watts DC-DC Converter Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com