Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERBSE2R00U Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERBSE2R00U
Description  Micro Chip Fuse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERBSE2R00U Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERBSE2R00U Datasheet HTML 1Page - Panasonic Semiconductor ERBSE2R00U Datasheet HTML 2Page - Panasonic Semiconductor ERBSE2R00U Datasheet HTML 3Page - Panasonic Semiconductor ERBSE2R00U Datasheet HTML 4Page - Panasonic Semiconductor ERBSE2R00U Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Micro Chip Fuse
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
E
1
Product Code
Micro Chip Fuse
Fusing Characteristics
Fast-acting and
withstanding in-rush
current
Product shape
1005 size
(1.0 mm 0.5 mm)
Packaging
Punched carrier taping
R
2
B
3
S
4
E
5
1
6
7
R
8
0
9
0
10
U
U
S
D
1608 size
(1.6 mm 0.8 mm)
E
Rated Current (A)
0R25
0R31
0R37
0R50
0R75
1R00
1R25
0.25 A
0.315 A
0.375 A
0.5 A
0.75 A
1.0 A
1.25 A
1R50
2R00
2R50
3R00
4R00
5R00
1.5 A
2.0 A
2.5 A
3.0 A
4.0 A
5.0 A
Ceramic Core
Fusing Element
Marking
Protective Coating
Electrode
(Outer)
Trimming
L
W
a
t
Micro Chip Fuse
Type:
ERBSE
ERBSD
Explanation of Part Numbers
Approved Safety Standards
● UL248-14 : File No.E194052
● c-UL(CSA)C22.2 No.248-14 : File No.E194052
Features
● Small size
● Fast-acting and withstanding in-rush current characteristics
Construction
Dimensions in mm (not to scale)
Type
(inches)
Dimensions (mm)
LWa
t
ERBSE
(0603)
1.60
±0.15
0.80
±0.15
0.30
±0.20
0.70
±0.10
ERBSD
(0402)
1.00
±0.10
0.50
±0.10
0.20
±0.15
0.40
±0.10
Dec. 2007
Planed final production : Sep.2011


Similar Part No. - ERBSE2R00U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERBSE2R00U PANASONIC-ERBSE2R00U Datasheet
239Kb / 5P
   Micro Chip Fuse
More results

Similar Description - ERBSE2R00U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERBRD1R00X PANASONIC-ERBRD1R00X Datasheet
156Kb / 5P
   Micro Chip Fuse
ERB-SE5R00U PANASONIC-ERB-SE5R00U Datasheet
139Kb / 5P
   micro chip fuse
ERBSE0R25U PANASONIC-ERBSE0R25U Datasheet
239Kb / 5P
   Micro Chip Fuse
ERB-SD3R00U PANASONIC-ERB-SD3R00U Datasheet
139Kb / 5P
   Micro Chip Fuse
logo
List of Unclassifed Man...
CCP2B15 ETC1-CCP2B15 Datasheet
204Kb / 2P
   MICRO FUSE
logo
Bel Fuse Inc.
MS250 BEL-MS250 Datasheet
385Kb / 2P
   Slow Blow Micro Fuse
MQ100 BEL-MQ100 Datasheet
89Kb / 2P
   Quick Acting Micro Fuse
MQ100 BEL-MQ100 Datasheet
1Mb / 4P
   QUICK ACTING MICRO FUSE
logo
List of Unclassifed Man...
MS1.5 ETC1-MS1.5 Datasheet
57Kb / 2P
   SLOW BLOW MICRO FUSE
logo
Bel Fuse Inc.
MQ100 BEL-MQ100 Datasheet
83Kb / 2P
   Quick Acting Micro Fuse
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com