Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPDF-800 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # QPDF-800
Description  800Watts Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QPDF-800 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  QPDF-800 Datasheet HTML 1Page - Qualtek Electronics Corporation QPDF-800 Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC input/ Full range
Built-in active PFC function, PF>0.96
High Efficiency, and High Reliability
Output Protections: OLP/OVP/OTP/OPP/SCP
100% full load burn-in test
QPDF-800-24
QPDF-800-48
800Watts Single Output
QPDF-800 Series
Q
ualtek
Electronics Corporation
P
P C
Page 1 of 2
Output Characteristics
Input Characteristics
Protection
Environmental Characteristics
General Characteristics
Model
DC Output
Rated Current (100-127VAC)
Rated Current (128-264VAC)
Ripple and Noise
Voltage ADJ. Range
Voltage Accuracy
Line Regulation
Load Regulation
Set-up Time
Hold-up Time
Temperature Coefficient
Overshoot and Undershoot
Voltage Range
Frequency Range
Power Factor (Typical)
Efficiency (Typical)
AC Current (max)
Inrush Current (Typical)
Leakage Current
Over Load (OLP)
Over Power (OPP)
Over Temperature (OTP)
Over Voltage (OVP)
Short Circuit (SCP)
Operating Amb. Temp. & Hum
Storage Temp. & Hum
Safety Standards
Withstand Voltage
Isolation Resistance
EMI Conduction & Radiation
Harmonic Current
EMS Immunity
MTBF (MIL-HDBK-217F)
Dimension (LxWxH)
Packing
Cooling Method
CB
Features:
24V
27A
33A
<200mV
-5% ~ +10% of rated output voltage
±2.0%
±0.5%
±2.0%
<3s (230VAC input, full load)
>8ms (230VAC input, full load)
±0.03%/°C
<5.0%
48V
14A
16.5A
<240mV
90VAC~264VAC, 127VDC~370VDC
47Hz-63Hz
PF>0.98/115VAC PF>0.96/230VAC
88%
<12.0A
<20A@230VAC Cold start
Input-Output: ≤0.25mA Input-PG: ≤3.5mA
89%
110%~135% of rated output current, constant current, auto recovery
110%~135% of rated output power, constant current, auto recovery
105°C ± 5°C (detect on mosfet); shut down, auto recovery after the temperature decreases to 70°C
110%~150% of rated output voltage, constant voltage, auto recovery
Long-term mode, constant current, auto recovery
-30°C~70°C; 20%~90% RH Non-Condensing
-40°C~85°C: 10%-95% RH Non-Condensing
IEC 60950-1:2005 (2nd Ed); UL60950-1 2nd Ed; EN60950-1: 2006
Primary-Secondary: 3.0KVAC;≤10mA. Primary-PG: 1.5KVAC;≤10mA. Secondary-PG: 0.5KVDC;≤10mA
≥100M ohms
Compliance to EN55022, Class B
Compliance to EN61000-3-2, Class D
Compliance to EN61000-4-2, 3, 4, 5, 6, 8, 11; Heavy Industrial Level
More than 200,000Hrs (25°C, Full load)
226x116.5x41mm
6PCS/CTN. G.W: 8.9kgs
Forced air cooling (built-in DC fan, the fan speed is controlled by load and internal temp.)
Built-in Fan Speed Control
1U Low Profile, 41mm
Built-in AC Inrush Current Limiting Circuit (<20A)
Built-in Constant Current Limiting Circuit
Built-in Remote Sense Function


Similar Part No. - QPDF-800

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPDF-100 QUALTEK-QPDF-100 Datasheet
3Mb / 2P
   100Watts Single Output
QPDF-100-12 QUALTEK-QPDF-100-12 Datasheet
3Mb / 2P
   100Watts Single Output
QPDF-100-15 QUALTEK-QPDF-100-15 Datasheet
3Mb / 2P
   100Watts Single Output
QPDF-100-24 QUALTEK-QPDF-100-24 Datasheet
3Mb / 2P
   100Watts Single Output
QPDF-100-36 QUALTEK-QPDF-100-36 Datasheet
3Mb / 2P
   100Watts Single Output
More results

Similar Description - QPDF-800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDF-800 ETC1-PDF-800 Datasheet
201Kb / 2P
   800Watts Single Output
logo
Sparkle Power Inc.
SPR2CA800LGP SPI-SPR2CA800LGP Datasheet
50Kb / 1P
   800Watts 11 2U Redundant Switching Power Supply
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com