Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPDF-600-48 Datasheet(PDF) 2 Page - Qualtek Electronics Corporation

Part # QPDF-600-48
Description  600Watts Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QPDF-600-48 Datasheet(HTML) 2 Page - Qualtek Electronics Corporation

  QPDF-600-48 Datasheet HTML 1Page - Qualtek Electronics Corporation QPDF-600-48 Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
600Watts Single Output
QPDF-600 Series
Q
ualtek
Electronics Corporation
P
P C
ISO-9001 Company
www.qualtekusa.com
Page 2 of 2
MECHANICAL SPECIFICATIONS
UNIT: mm
OPTIONAL MOUNTING TABS
DERATING CURVE
Assemble Screw
SMPS Cover
Customer plate
L<=4mm
Pin No.
Assignment
Mating Housing
Terminal
1
+S (Remote Sense)
2
-S (Remote Sense)
3
DC-OK
4
GND
HRS DF11-4DS
or equivalent
HRS DF11-**SC
or equivalent


Similar Part No. - QPDF-600-48

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPDF-100 QUALTEK-QPDF-100 Datasheet
3Mb / 2P
   100Watts Single Output
QPDF-100-12 QUALTEK-QPDF-100-12 Datasheet
3Mb / 2P
   100Watts Single Output
QPDF-100-15 QUALTEK-QPDF-100-15 Datasheet
3Mb / 2P
   100Watts Single Output
QPDF-100-24 QUALTEK-QPDF-100-24 Datasheet
3Mb / 2P
   100Watts Single Output
QPDF-100-36 QUALTEK-QPDF-100-36 Datasheet
3Mb / 2P
   100Watts Single Output
More results

Similar Description - QPDF-600-48

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SM6T6V8CA LUGUANG-SM6T6V8CA Datasheet
247Kb / 5P
   600Watts Surface Mount TVS
SM6T6V8CA-220CA LUGUANG-SM6T6V8CA-220CA Datasheet
2Mb / 5P
   600Watts Surface Mount TVS
SMBJ10A LUGUANG-SMBJ10A Datasheet
323Kb / 3P
   600Watts Surface Mount Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
P6SMBF6.8A YFWDIODE-P6SMBF6.8A Datasheet
89Kb / 4P
   Surface mounttransient voltage suppressor power 600watts
logo
Shenzhen Luguang Electr...
SMB68 LUGUANG-SMB68 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
P6SMBFJ6.8A-SMBF YFWDIODE-P6SMBFJ6.8A-SMBF Datasheet
477Kb / 4P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR OPWER 600WATTS
logo
Vicor Corporation
V375A12C600B VICOR-V375A12C600B Datasheet
150Kb / 8P
   375Vin / 12Vout / 600Watts DC-DC Converter Module
V375A15C600B VICOR-V375A15C600B Datasheet
152Kb / 8P
   375Vin / 15Vout / 600Watts DC-DC Converter Module
V375A24C600B VICOR-V375A24C600B Datasheet
150Kb / 8P
   375Vin / 24Vout / 600Watts DC-DC Converter Module
logo
DAESAN ELECTRONIC CORP.
SMBJ5.0 DAESAN-SMBJ5.0 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com