Electronic Components Datasheet Search |
|
QPDF-800-48 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation |
|
QPDF-800-48 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation |
1 / 2 page Universal AC input/ Full range Built-in active PFC function, PF>0.96 High Efficiency, and High Reliability Output Protections: OLP/OVP/OTP/OPP/SCP 100% full load burn-in test QPDF-800-24 QPDF-800-48 800Watts Single Output QPDF-800 Series Q ualtek Electronics Corporation P P C Page 1 of 2 Output Characteristics Input Characteristics Protection Environmental Characteristics General Characteristics Model DC Output Rated Current (100-127VAC) Rated Current (128-264VAC) Ripple and Noise Voltage ADJ. Range Voltage Accuracy Line Regulation Load Regulation Set-up Time Hold-up Time Temperature Coefficient Overshoot and Undershoot Voltage Range Frequency Range Power Factor (Typical) Efficiency (Typical) AC Current (max) Inrush Current (Typical) Leakage Current Over Load (OLP) Over Power (OPP) Over Temperature (OTP) Over Voltage (OVP) Short Circuit (SCP) Operating Amb. Temp. & Hum Storage Temp. & Hum Safety Standards Withstand Voltage Isolation Resistance EMI Conduction & Radiation Harmonic Current EMS Immunity MTBF (MIL-HDBK-217F) Dimension (LxWxH) Packing Cooling Method CB Features: 24V 27A 33A <200mV -5% ~ +10% of rated output voltage ±2.0% ±0.5% ±2.0% <3s (230VAC input, full load) >8ms (230VAC input, full load) ±0.03%/°C <5.0% 48V 14A 16.5A <240mV 90VAC~264VAC, 127VDC~370VDC 47Hz-63Hz PF>0.98/115VAC PF>0.96/230VAC 88% <12.0A <20A@230VAC Cold start Input-Output: ≤0.25mA Input-PG: ≤3.5mA 89% 110%~135% of rated output current, constant current, auto recovery 110%~135% of rated output power, constant current, auto recovery 105°C ± 5°C (detect on mosfet); shut down, auto recovery after the temperature decreases to 70°C 110%~150% of rated output voltage, constant voltage, auto recovery Long-term mode, constant current, auto recovery -30°C~70°C; 20%~90% RH Non-Condensing -40°C~85°C: 10%-95% RH Non-Condensing IEC 60950-1:2005 (2nd Ed); UL60950-1 2nd Ed; EN60950-1: 2006 Primary-Secondary: 3.0KVAC;≤10mA. Primary-PG: 1.5KVAC;≤10mA. Secondary-PG: 0.5KVDC;≤10mA ≥100M ohms Compliance to EN55022, Class B Compliance to EN61000-3-2, Class D Compliance to EN61000-4-2, 3, 4, 5, 6, 8, 11; Heavy Industrial Level More than 200,000Hrs (25°C, Full load) 226x116.5x41mm 6PCS/CTN. G.W: 8.9kgs Forced air cooling (built-in DC fan, the fan speed is controlled by load and internal temp.) Built-in Fan Speed Control 1U Low Profile, 41mm Built-in AC Inrush Current Limiting Circuit (<20A) Built-in Constant Current Limiting Circuit Built-in Remote Sense Function |
Similar Part No. - QPDF-800-48 |
|
Similar Description - QPDF-800-48 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |